Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAMMD7X2P-J Datasheet(PDF) 23 Page - ITT Industries

Part # DAMMD7X2P-J
Description  A Historical Achievement of Technology Leadership
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMD7X2P-J Datasheet(HTML) 23 Page - ITT Industries

Back Button DAMMD7X2P-J Datasheet HTML 19Page - ITT Industries DAMMD7X2P-J Datasheet HTML 20Page - ITT Industries DAMMD7X2P-J Datasheet HTML 21Page - ITT Industries DAMMD7X2P-J Datasheet HTML 22Page - ITT Industries DAMMD7X2P-J Datasheet HTML 23Page - ITT Industries DAMMD7X2P-J Datasheet HTML 24Page - ITT Industries DAMMD7X2P-J Datasheet HTML 25Page - ITT Industries DAMMD7X2P-J Datasheet HTML 26Page - ITT Industries DAMMD7X2P-J Datasheet HTML 27Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 103 page
background image
Cannon Combo D®
European High Power 90° PCB Plug DE-DC
Shell
A
B
C
D
E
F
L
W
size
± 0,38 (.015)
± 0,13 (.005)
± 0,13 (.005)
± 0,13 (.005)
± 0,38 (.015)
± 0,25 (.010)
± 0,2 (008)
± 0,40 (.016)
DE
30,8 (1.213)
16,90(.665)
25,0 (.984)
8,35 (.329)
12,55(.494)
10,70(.421)
0,8 (.031)
6,70(.264)
DA
39,15(1.541)
24,25(.994)
33,3 (1.311)
8,35 (.329)
12,55(.494)
10,70(.421)
0,8 (.031)
6,70(.264)
DB
53,05(2.089)
38,95(1.533)
47,05(1.852)
8,35 (.329)
12,55(.494)
10,80(.425)
0,8 (.031)
6,80(.268)
DC
69,3 (2.089)
55,4 (2.181)
63,50(2,500)
8,35 (.329)
12,55(.494)
10,80(.425)
0,8 (.031)
6,80(.268)
Dimensions
23
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
•Forcontactcavityarrangements,seepage61.
•Forpcbholepattern,seepages88-89.
•Formountingmethods,seepages59-60.
Plug
40AHigh Power 90° PCB Plug- European footprint, sizes DE-DC, with bracket
40 A High power inserted with US footprint
metal bracket and UNC 4-40 captive nut
Part numbers with bracket and captive nut M3
Part numbers with bracket with dia. 3,05
Part numbers with bracket with post M3
Shell Layout
Plastic Bracket
Metal Bracket
Plastic Bracket
Metal Bracket
Plastic Bracket
Metal Bracket
size
DE
2W2
DEM-2P2P-1ATN-A191-K87
DEM-2P2P-1A9N-A191-K87
DEM-2P2P-1A5N-A191-K87
DEM-2P2P-1AFN-A191-K87
DEM-2P2P-APN-A191-K87
DEM-SP2P-1AHN-A191-K87
DE
2WK2
DEM-2PK2P-1ATN-A191-K87
DEM-2PK2P-1A9N-A191-K87
DEM-2PK2P-1A5N-A191-K87
DEM-2PK2P-1AFN-A191-K87
DEM-2PK2P-APN-A191-K87
DEM-2PK2P-1AHN-A191-K87
DE
5W1
DEM-5P1P-1ATN-A191- K87
DEM-5P1P-1A9N-A191-K87
DEM-5P1P-1A5N-A191-K87
DEM-5P1P-1AFN-A191-K87
DEM-5P1P-APN-A191-K87
DEM-5P1P-1AHN-A191-K87
DA
7W2
DAM-7P2P-1ATN-A191-K87
DAM-7P2P-1A9N-A191-K87
DAM-7P2P-1A5N-A191-K87
DAM-7P2P-1AFN-A191-K87
DAM-7P2P-1APN-A191-K87
DAM-7P2P-1AHN-A191-K87
DA
11W1
DAM-11P1P-1ATN-A191-K87
DAM-11P1P-1A9N-A191-K87
DAM-11P1P-1A5N-A191-K87
DAM-11P1P-1AFN-A191-K87
DAM-11P1P-1APN-A191-K87
DAM-11P1P-1AHN-A191-K87
DA
3W3
DAM-3P3P-1ATN-A191-K87
DAM-3P3P-1A9N-A191-K87
DAM-3P3P-1A5N-A191-K87
DAM-3P3P-1AFN-A191-K87
DAM-3P3P-1APN-A191-K87
DAM-3P3P-1AHN-A191-K87
DA
3WK3
DAM-3PK3P-1ATN-A191-K87 DAM-3PK3P-1A9N-A191-K87
DAM-3PK3P-1A5N-A191-K87
DAM-3PK3P-1AFN-A191-K87
DAM-3PK3P-1APN-A191-K87
DAM-3PK3P-1AHN-A191-K87
DB
5W5
DBM-5P5P-1ATN-A191-K87
DBM-5P5P-1A9N-A191-K87
DBM-5P5P-1A5N-A191-K87
DBM-5P5P-1AFN-A191-K87
DBM-5P5P-1APN-A191-K87
DBM-5P5P-1AHN-A191-K87
DB
9W4
DBM-9P4P-1ATN-A191-K87
DBM-9P4P-1A9N-A191-K87
DBM-9P4P-1A5N-A191-K87
DBM-9P4P-1AFN-A191-K87
DBM-9P4P-1APN-A191-K87
DBM-9P4P-1AHN-A191-K87
DB
13W3
DBM-13P3P-1ATN-A191-K87
DBM-13P3P-1A9N-A191-K87
DBM-13P3P-1A5N-A191-K87
DBM-1PC3P-1AFN-A191-K87
DBM-13P3P-1APN-A191-K87
DBM-13P3P-1AHN-A191-K87
DB
17W2
DBM-17PSP-1ATN-A191-K87 DBM-17PSP-1A9N-A191-K87
DBM-17PSP-1A5N-A191-K87
DBM-17PSP-1AFN-A191-K87
DBM-17PSP-1APN-A191-K87
DBM-17PSP-1AHN-A191-K87
DB
21W1
DBM-21P1P-1ATN-A191-K87
DBM-21P1P-1A9N-A191-K87
DBM-21P1P-1A5N-A191-K87
DBM-21P1P-1AFN-A191-K87
DBM-21P1P-1APN-A191-K87
DBM-21P1P-1AHN-A191-K87
DC
8W8
DCM-8P8P-1ATN-A191-K87
DCM-8P8P-1A9N-A191-K87
DCM-8P8P-1A5N-A191-K87
DCM-8P8P-1AFN-A191-K87
DCM-8P8P-1APN-A191-K87
DCM-8P8P-1AHN-A191-K87
DC
13W6
DCM-13P6P-1ATN-A191-K87
DCM-13P6P-1A9N-A191-K87
DCM-13P6P-1A5N-A191-K87
DCM-13P6P-1AFN-A191-K87
DCM-13P6P-1APN-A191-K87
DCM-13P6P-1AHN-A191-K87
DC
17W5
DCM-17P5P-1ATN-A191-K87
DCM-17P5P-1A9N-A191-K87
DCM-17P5P-1A5N-A191-K87
DCM-17P5P-1AFN-A191-K87
DCM-17P5P-1APN-A191-K87
DCM-17P5P-1AHN-A191-K87
DC
21WA4
DCM-21PA4P-1ATN-A191-K87 DCM-21PA4P-1A9N-A191-K87 DCM-21PA4P-1A5N-A191-K87 DCM-21PA4P-1AFN-A191-K87 DCM-21PA4S-1APN-A191-K87
DCM-21PA4P-1AHN-A191-K87
DC
25W3
DCM-25P3P-1ATN-A191-K87
DCM-25P3P-1A9N-A191-K87
DCM-25P3P-1A5N-A191-K87
DCM-25P3P-1AFN-A191-K87
DCM-25P3P-1APN-A191-K87
DCM-25P3P-1AHN-A191-K87
DC
27W2
DCM-27P2P-1ATN-A191-K87
DCM-27P2P-1A9N-A191-K87
DCM-27P2P-1A5N-A191-K87
DCM-27P2P-1AFN-A191-K87
DCM-27P2P-1APN-A191-K87
DCM-27P2-1AHN-A191-K87
For performance class 1 replaceA191 withA190.
For 3,0 mm pushfit please add -146 modifier;
For performance class 3 deleteA191.
For 3,2 mm pushfit please add -162 modifer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com