Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAMMD7X2P-J Datasheet(PDF) 40 Page - ITT Industries

Part # DAMMD7X2P-J
Description  A Historical Achievement of Technology Leadership
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMD7X2P-J Datasheet(HTML) 40 Page - ITT Industries

Back Button DAMMD7X2P-J Datasheet HTML 36Page - ITT Industries DAMMD7X2P-J Datasheet HTML 37Page - ITT Industries DAMMD7X2P-J Datasheet HTML 38Page - ITT Industries DAMMD7X2P-J Datasheet HTML 39Page - ITT Industries DAMMD7X2P-J Datasheet HTML 40Page - ITT Industries DAMMD7X2P-J Datasheet HTML 41Page - ITT Industries DAMMD7X2P-J Datasheet HTML 42Page - ITT Industries DAMMD7X2P-J Datasheet HTML 43Page - ITT Industries DAMMD7X2P-J Datasheet HTML 44Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 103 page
background image
40
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
Cannon Combo D®
Crimp Contacts Size 20 for D*A
Pin Contacts
Socket Contacts
Crimp Contacts Size 20 for D*AConnectors
(0.59)
(0.082)
(0.327)
(0.563)
(0.059)
1,50
(0.082)
(0.303)
Pin Contacts
Part Numbers
AWG 24 - 26
AWG 20 - 24
980-2000-925 980-2000-924
980-2000-946 980-2000-945
Contacts on Reels
(5000 pcs / reel)
Stamped contacts with insulation support
are supplied on reels of 5000 for use with
semi-automatic strip and crimp machines.
Two sizes are available to accommodate
wire ranges 20 – 26AWG.
Performance
Gold flash over Nickel (Performance class 3)
30 µ inAu/Nickel (Performance class 2)
* Mating Cycles
Socket Contacts
Part Numbers
AWG 24 - 26
AWG 20 - 24
980-2000-926 980-2000-923
980-2000-944 980-2000-943
Loose Contacts
Stampedcontactswithinsulationsupport
are supplied loose for use with hand
crimp tooling. Two sizes are available to
accommodatewireranges20–26AWG.
Pin Contacts
Finish
30 µ inches Gold over Nickel
Socket Contacts
Part Number
Pin Contact
24-26 AWG
20-24 AWG
030-2487-017
030-2487-016
Part Number
Socket Contact
24-26 AWG
20-24 AWG
030-2488-017
030-2488-016
Crimp Tooling
Hand Crimp Tool
Description
Part Number
CCT-D*A-1
995-2000-000
CCT-2D*A(Alternate)
995-2000-075
Extraction Tool
Description
Part Number
Wire Size
CIET-D*A-20-24
980-0008-135
20-24AWG
CIET-D*A24-26
980-0008-136
24-26AWG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com