Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAMMD7X2P-J Datasheet(PDF) 48 Page - ITT Industries

Part # DAMMD7X2P-J
Description  A Historical Achievement of Technology Leadership
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMD7X2P-J Datasheet(HTML) 48 Page - ITT Industries

Back Button DAMMD7X2P-J Datasheet HTML 44Page - ITT Industries DAMMD7X2P-J Datasheet HTML 45Page - ITT Industries DAMMD7X2P-J Datasheet HTML 46Page - ITT Industries DAMMD7X2P-J Datasheet HTML 47Page - ITT Industries DAMMD7X2P-J Datasheet HTML 48Page - ITT Industries DAMMD7X2P-J Datasheet HTML 49Page - ITT Industries DAMMD7X2P-J Datasheet HTML 50Page - ITT Industries DAMMD7X2P-J Datasheet HTML 51Page - ITT Industries DAMMD7X2P-J Datasheet HTML 52Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 103 page
background image
48
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
Cannon Combo D®
High Power Loose Cable Contacts
Loose Contacts, Size 8 – High Power – Solder
Plug
Receptacle
Loose Contacts, Size 8 – High Power – Crimp
Plug
Receptacle
High Power Crimp Tooling
Part Number
Part Number
Current
Part Number
(30 µin) 0,76 µm
(50 µin) 1,27 µm
A
B
Rating
Wire Size
Gold over NIckel
Gold over Copper
Gold over Copper
A
AWG
DM130341-4
DM130341
DM130341-1
4,60(.181) 5,84(.230) 40A
8AWG
DM130342-4
DM130342
DM130342-1
2,54(.100) 5,54(.218) 20A
12AWG
DM130343-4
DM130343
DM130343-1
1,07(.067) 2,59(.102) 10A
16AWG
Wire Size
Crimp Tool
Tool Setting
Locator
AWG
Number
8AWG
M300-BT
6
TP968
10AWG
M300-BT
5
TP968
12/14AWG
M300-BT
1
TP968
16AWG
FT-8
6
TH554
18AWG
FT-8
5
TH554
Part Number
Part Number
(50 µin) 1,27 µm
Current Rating
Wire Size
Gold over Copper
Gold over Copper
A
AWG
DM53745-1
DM53745-28
40 A
8AWG
DM53745-7
DM53745-27
20 A
12AWG
DM53745-8
DM53745-25
10 A
16 AWG
ExtendedLengthPin
DMS53745-134
Part Number
Part Number
(50 µin) 1,27 µm
Current Rating
Wire Size
Gold over Nickel
Gold over Copper
A
AWG
DM53744-1
DM53744-21
40A
8AWG
DM53744-6
DM53744-25
20A
12AWG
DM53744-7
DM53744-24
10A
16AWG
Part Number
Part Number
Current
Part Number
(30 µin) 0,76 µm
(50 µin) 1,27 µm
A
B
Rating
Wire Size
Gold over Nickel
Gold over Copper
Gold over Copper
A
AWG
DM130338-4
DM130338
DM130338-1
4,60(.181) 5,84(.230) 40A
8AWG
DM130339-4
DM130339
DM130339-1
2,54(.100) 5,54(.218) 20A
12AWG
DM130340-4
DM130340
DM130340-1
1,07(.067) 2,59(.102) 10A
16AWG
ExtendedLengthPin DM130339-6
20,93 - 20,42
Ø A
Ø B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com