Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAMMD7X2P-J Datasheet(PDF) 44 Page - ITT Industries

Part # DAMMD7X2P-J
Description  A Historical Achievement of Technology Leadership
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMD7X2P-J Datasheet(HTML) 44 Page - ITT Industries

Back Button DAMMD7X2P-J Datasheet HTML 40Page - ITT Industries DAMMD7X2P-J Datasheet HTML 41Page - ITT Industries DAMMD7X2P-J Datasheet HTML 42Page - ITT Industries DAMMD7X2P-J Datasheet HTML 43Page - ITT Industries DAMMD7X2P-J Datasheet HTML 44Page - ITT Industries DAMMD7X2P-J Datasheet HTML 45Page - ITT Industries DAMMD7X2P-J Datasheet HTML 46Page - ITT Industries DAMMD7X2P-J Datasheet HTML 47Page - ITT Industries DAMMD7X2P-J Datasheet HTML 48Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 103 page
background image
44
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
Cannon Combo D®
Cable Loose Contacts
Loose Contacts Size 8 – Coaxial 50 Ohm, 90°
90° Crimp Braid
90° Solder Braid
Part Number
Part Number
A
B
C
D
RG Cable Number
Gold over Nickel
50 µ in Gold over Copper max
max
± 0,13
old
new
Plug
DM53741
DM53741-12
13,46(.530)
18,92(.745)
15,10(.594)
1,14(.045)
196/U
178B/U
Plug
DM53741-1
DM53741-11
13,46(.530)
18,92(.745)
15,10(.594)
1,83(.072)
187/U
179B/U
188/U
316B/U
Plug
DM53741-3
DM53741-10
13,46(.530)
18,92(.745)
16,00(.630)
2,79(.110)
Plug
DM53741-4
DM53741-13
13,46(.530)
18,92(.745)
16,00(.630)
3,18(.125)
58/U
58B/U
Receptacle
DM53743-2
DM53743-18
13,46(.530)
18,92(.745)
15,09(.594)
1,14(.045)
196/U
178B/U
Receptacle
DM53743-3
DM53743-16
13,46(.530)
18,92(.745)
15,09(.594)
1,83(.072)
187/U
179B/U
188/U
316B/U
Receptacle
DM53743-5
DM53743-17
13,46(.530)
18,92(.745)
16,00(.630)
2,79(.110)
Receptacle
DM53743-6
DM53743-19
13,46(.530)
18,92(.745)
16,00(.630)
3,18(.125)
58/U
58B/U
Part Number
Part Number
A
B
C
D
RG Cable Number
Gold over Nickel
50 µ in Gold over Copper max
max
± 0,13
old
new
Plug
DM53741-5000
DM53741-5059
13,46(.530)
18,92(.745)
15,10(.594)
1,00(.039)
196/U
178B/U
Plug
DM53741-5001
DM53741-5062
13,46(.530)
18,92(.745)
15,10(.594)
1,70(.067)
187/U
179B/U
188/U
316B/U
Plug
DM53741-5003
DM53741-5063
13,46(.530)
18,92(.745)
16,00(.630)
2,79(.110)
Plug
DM53741-5004
DM53741-5060
13,46(.530)
18,92(.745)
16,00(.630)
3,18(.125)
58/U
58B/U
Receptacle
DM53743-5000
DM53743-5073
13,46(.530)
18,92(.745)
15,09(.594)
1,00(.039)
196/U
178B/U
Receptacle
DM53743-5001
DM53743-5076
13,46(.530)
18,92(.745)
15,09(.594)
1,70(.067)
187/U
179B/U
188/U
316B/U
Receptacle
DM53743-5003
DM53743-5077
13,46(.530)
18,92(.745)
16,00(.630)
2,79(.110)
Receptacle
DM53743-5004
DM53743-5074
13,46(.530)
18,92(.745)
16,00(.630)
3,18(.125)
58/U
58B/U
Plug
Receptacle
Plug
Receptacle
Note: Dimensions include outer sleeve.
For Crimp tooling, see page 47.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com