Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAMMD7X2P-J Datasheet(PDF) 59 Page - ITT Industries

Part # DAMMD7X2P-J
Description  A Historical Achievement of Technology Leadership
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMD7X2P-J Datasheet(HTML) 59 Page - ITT Industries

Back Button DAMMD7X2P-J Datasheet HTML 55Page - ITT Industries DAMMD7X2P-J Datasheet HTML 56Page - ITT Industries DAMMD7X2P-J Datasheet HTML 57Page - ITT Industries DAMMD7X2P-J Datasheet HTML 58Page - ITT Industries DAMMD7X2P-J Datasheet HTML 59Page - ITT Industries DAMMD7X2P-J Datasheet HTML 60Page - ITT Industries DAMMD7X2P-J Datasheet HTML 61Page - ITT Industries DAMMD7X2P-J Datasheet HTML 62Page - ITT Industries DAMMD7X2P-J Datasheet HTML 63Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 103 page
background image
59
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
Cannon Combo D®
Readers Resource
Panel Mounting
Figure 1A
Figure 1B
Figure 2
Figure 3
Figure
Number
Combination of Mated Connectors
A
+0,76 (.030)
B
+0,76 (.030)
C
+0,76 (.030)
F
±0,25 (.010)
H
+0,76 (.030)
Size
Pin (See Note Below)
Socket
1A, 1B
A, E
Standard
Standard
6,35 (.250)
8,63 (.340)
7,49 (.295)
—
7,49 (.295)
1A, 1B
B, C, D
Standard
Standard
6,04 (.238)
8,71 (.343)
7,56 (.298)
—
7,18 (.283)
2
A, E
Standard
Float Mount
5,53 (.218)
—
6,68 (.263)
3,04 (.120)
—
2
B, C, D
Standard
Float Mount
5,23 (.206)
—
6,75 (.266)
3,04 (.120)
—
2
A, E
Float Mount
Standard
5,53 (.218)
—
6,68 (.263)
3,04 (.120)
—
2
B, C, D
Float Mount
Standard
5,23 (.206)
—
6,37 (.251)
3,30 (.130)
—
3
A, E
Standard
Reverse Float Mount
—
9,09 (.358)
7,95 (.313)
3,04 (.120)
—
3
B, C, D
Standard
Reverse Float Mount
—
9,16 (.361)
7,64 (.301)
3,04 (.120)
—
3
A, E
Reverse Float Mount
Standard
—
9,09 (.358)
7,95 (.313)
3,04 (.120)
—
3
B, C, D
Reverse Float Mount
Standard
—
9,01 (.355)
7,87 (.310)
3,30 (.130)
—
Notes:
1. A, B, C and H are dimensions between panels and represent
the recommended limit to be used in the design of the
connector mounting method.
2. It is recommended that only one assembly, either pin or
socket, be float mounted.
3. Standard pin assemblies contained 0,38 (.015) thick front
shells on E and A sizes; 0,61 (.024) thick front shells on B,
C, and D sizes.
4. Standard connectors accommodate a #4 screw. Float
mount connectors accommodate a #2 screw.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com