Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LC62B-04/P Datasheet(PDF) 89 Page - Microchip Technology

Part # PIC16LC62B-04/P
Description  28-Pin 8-Bit CMOS Microcontrollers
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC62B-04/P Datasheet(HTML) 89 Page - Microchip Technology

Back Button PIC16LC62B-04/P Datasheet HTML 85Page - Microchip Technology PIC16LC62B-04/P Datasheet HTML 86Page - Microchip Technology PIC16LC62B-04/P Datasheet HTML 87Page - Microchip Technology PIC16LC62B-04/P Datasheet HTML 88Page - Microchip Technology PIC16LC62B-04/P Datasheet HTML 89Page - Microchip Technology PIC16LC62B-04/P Datasheet HTML 90Page - Microchip Technology PIC16LC62B-04/P Datasheet HTML 91Page - Microchip Technology PIC16LC62B-04/P Datasheet HTML 92Page - Microchip Technology PIC16LC62B-04/P Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 120 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS35008B-page 89
PIC16C62B/72A
13.4.2
TIMING CONDITIONS
The temperature and voltages specified in Table 13-1
apply to all timing specifications unless otherwise
noted. Figure 13-4 specifies the load conditions for the
timing specifications.
TABLE 13-1:
TEMPERATURE AND VOLTAGE SPECIFICATIONS - AC
FIGURE 13-4: LOAD CONDITIONS FOR DEVICE TIMING SPECIFICATIONS
AC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
0°C
≤ TA ≤ +70°C for commercial
-40°C
≤ TA ≤ +85°C for industrial
-40°C
≤ TA ≤+125°C for extended
Operating voltage VDD range as described in DC spec Section 13.1 and Section 13.2.
LC parts operate for commercial/industrial temp’s only.
VDD/2
CL
RL
Pin
Pin
VSS
VSS
CL
RL =464
Ω
CL = 50 pF
for all pins except OSC2/CLKOUT
15 pF
for OSC2 output
Load condition 1
Load condition 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com