Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE9263QX Datasheet(PDF) 29 Page - Infineon Technologies AG

Part # TLE9263QX
Description  Dedicated Data Sheets are available for the different product variants
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9263QX Datasheet(HTML) 29 Page - Infineon Technologies AG

Back Button TLE9263QX Datasheet HTML 25Page - Infineon Technologies AG TLE9263QX Datasheet HTML 26Page - Infineon Technologies AG TLE9263QX Datasheet HTML 27Page - Infineon Technologies AG TLE9263QX Datasheet HTML 28Page - Infineon Technologies AG TLE9263QX Datasheet HTML 29Page - Infineon Technologies AG TLE9263QX Datasheet HTML 30Page - Infineon Technologies AG TLE9263QX Datasheet HTML 31Page - Infineon Technologies AG TLE9263QX Datasheet HTML 32Page - Infineon Technologies AG TLE9263QX Datasheet HTML 33Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 164 page
background image
TLE9263QX
System Features
Data Sheet
29
Rev. 1.1, 2014-09-26
Note: An over voltage event on VCC1 will only lead to SBC Restart Mode if the bit VCC1_OV_RST is set and if
CFGP = ‘1’ (Config 1/3).
Note: The content of the WD_FAIL bits will depend on the device configuration, e.g. 1 or 2 watchdog failures.
5.1.6
SBC Fail-Safe Mode
The purpose of this mode is to bring the system in a safe status after a failure condition by turning off the VCC1
supply and powering off the microcontroller. After a wake event the system is then able to restart again.
The Fail-Safe Mode is automatically reached for following events:
•
after an SBC thermal shutdown (TSD2) (see also Chapter 15.9.3),
•
in case of over voltage on VCC1 if the bit VCC1_OV_RST is set and if CFGP = ‘0’,
•
after a 1st incorrect watchdog trigger in Config2 (CFG = 1) and after a 2nd incorrect watchdog trigger in Config4
(CFG = 0) (see also Chapter 5.1.1),
•
if VCC1 is shorted to GND (see also Chapter 15.7),
•
After 4 consecutive VCC1 under voltage events (only if VS > VS,UV, see Chapter 15.6).
In this case, the default wake sources (CAN, LINx, WK1...3, see also registers WK_CTRL_2, BUS_CTRL_1 and
BUS_CTRL_2) are activated, the wake events are cleared in the register WK_STAT_1, and all output drivers and
all voltage regulators are switched off. When WK1 and WK2 are configured for the alternate measurement function
(WK_MEAS = 1) then WK1 and WK2 will stay configured for the measurement function when SBC Fail-Safe Mode
is entered, i.e. they will not be activated as wake sources.
The SBC Fail-Safe Mode will be maintained until a wake event on the default wake sources occurs. To avoid any
fast toggling behavior a filter time of typ. 100ms (tFS,min) is implemented. Wake events during this time will be
stored and will automatically lead to entering SBC Restart Mode after the filter time.
In case of an VCC1 over temperature shutdown (TSD2) the SBC Restart Mode will be reached automatically after
a filter time of typ. 1s (tTSD2) without the need of a wake event.
Leaving the SBC Fail-Safe Mode will not result in deactivation of the Fail Output pins.
The following functions are influenced during SBC Fail-Safe Mode:
•
All FOx outputs are activated (see also Chapter 14)
•
VCC1 is OFF
•
VCC2 is OFF
•
VCC3 is OFF
•
CAN is wake capable
•
LINx is wake capable
•
HS Outputs are OFF
•
WK pins are wake capable through static sense (with default 16µs filter time)
•
Cyclic sense and Cyclic wake is disabled
•
SPI communication is disabled because VCC1 is OFF
•
The Fail-Safe Mode activation is signalled in the SPI register DEV_STAT with the bits FAILURE and
DEV_STAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com