Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE9263QX Datasheet(PDF) 83 Page - Infineon Technologies AG

Part # TLE9263QX
Description  Dedicated Data Sheets are available for the different product variants
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9263QX Datasheet(HTML) 83 Page - Infineon Technologies AG

Back Button TLE9263QX Datasheet HTML 79Page - Infineon Technologies AG TLE9263QX Datasheet HTML 80Page - Infineon Technologies AG TLE9263QX Datasheet HTML 81Page - Infineon Technologies AG TLE9263QX Datasheet HTML 82Page - Infineon Technologies AG TLE9263QX Datasheet HTML 83Page - Infineon Technologies AG TLE9263QX Datasheet HTML 84Page - Infineon Technologies AG TLE9263QX Datasheet HTML 85Page - Infineon Technologies AG TLE9263QX Datasheet HTML 86Page - Infineon Technologies AG TLE9263QX Datasheet HTML 87Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 164 page
background image
Data Sheet
83
Rev. 1.1, 2014-09-26
TLE9263QX
LIN Transceiver
Duty Cycle D1
(For worst case at 20 kbit/s)
LIN 2.2 Normal Slope
D1
0.396 –
–
3) TH
Rec(max) = 0.744 ×
V
SHS;
THDom(max) = 0.581 × VSHS;
V
SHS = 7.0 … 18 V;
t
bit = 50 µs;
D1 =
t
bus_rec(min)/2 tbit;
LIN 2.2 Param 27
P_11.3.31
Duty Cycle D2
(for worst case at 20 kbit/s)
LIN 2.2 Normal Slope
D2
––0.581
3)TH
Rec(min.) = 0.422 ×
V
SHS;
THDom(min.) = 0.284 × VSHS;
V
SHS = 7.6 … 18 V;
t
bit = 50 µs;
D2 =
t
bus_rec(max)/2 tbit;
LIN 2.2 Param 28
P_11.3.32
Duty Cycle D3
(for worst case at 10.4 kbit/s)
SAE J2602 Low Slope
D3
0.417 –
–
3)TH
Rec(max) = 0.778 × VSHS
THDom(max) = 0.616 × VSHS;
V
SHS = 7.0 … 18 V;
t
bit = 96 µs;
D3 =
t
bus_rec(min)/2 tbit;
LIN 2.2 Param 29
P_11.3.33
Duty Cycle D4
(for worst case at 10.4 kbit/s)
SAE J2602 Low Slope
D4
––0.590
3)THRec(min.) = 0.389 ×
V
SHS;
THDom(min.) = 0.251 ×
V
SHS;
V
SHS = 7.6 … 18 V;
t
bit = 96 µs;
D4 = tbus_rec(max)/2 tbit;
LIN 2.2 Param 30
P_11.3.34
1) Not subject to production test, specified by design.
2) Not subject to production test, tolerance defined by internal oscillator tolerance
3) Bus load conditions concerning LIN Specification 2.2
C
LIN, RLIN = 1 nF, 1 kΩ / 6.8 nF, 660 Ω/ 10 nF, 500 Ω
Table 19
Electrical Characteristics (cont’d)
V
SHS = 5.5 V to 18 V, Tj = -40 °C to +150 °C, RL = 500 Ω, all voltages with respect to ground, positive current
flowing into pin (unless otherwise specified)
Parameter
Symbol
Values
Unit Note / Test Condition
Number
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com