Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE9263QX Datasheet(PDF) 38 Page - Infineon Technologies AG

Part # TLE9263QX
Description  Dedicated Data Sheets are available for the different product variants
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9263QX Datasheet(HTML) 38 Page - Infineon Technologies AG

Back Button TLE9263QX Datasheet HTML 34Page - Infineon Technologies AG TLE9263QX Datasheet HTML 35Page - Infineon Technologies AG TLE9263QX Datasheet HTML 36Page - Infineon Technologies AG TLE9263QX Datasheet HTML 37Page - Infineon Technologies AG TLE9263QX Datasheet HTML 38Page - Infineon Technologies AG TLE9263QX Datasheet HTML 39Page - Infineon Technologies AG TLE9263QX Datasheet HTML 40Page - Infineon Technologies AG TLE9263QX Datasheet HTML 41Page - Infineon Technologies AG TLE9263QX Datasheet HTML 42Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 164 page
background image
Data Sheet
38
Rev. 1.1, 2014-09-26
TLE9263QX
Voltage Regulator 1
6
Voltage Regulator 1
6.1
Block Description
Figure 11
Module Block Diagram
Functional Features
•
5V low-drop voltage regulator
•
Under voltage monitoring with adjustable reset level, VCC1 prewarning and VCC1 short circuit detection
(VRT1/2/3/4, VPW,f ). Please refer to Chapter 15.6 and Chapter 15.7 for more information.
•
Short circuit detection and switch off with under voltage fail threshold, device enters SBC Fail-Safe Mode
•
≥470nF ceramic capacitor at voltage output for stability, with ESR < 1Ω @ f = 10 kHz, to achieve the voltage
regulator control loop stability based on the safe phase margin (bode diagram).
•
Output current capability up to IVCC1,lim.
GND
Overtemperature
Shutdown
1
Bandgap
Reference
VS
State
Machine
VCC1
INH
Vref



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com