Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE9263QX Datasheet(PDF) 70 Page - Infineon Technologies AG

Part # TLE9263QX
Description  Dedicated Data Sheets are available for the different product variants
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9263QX Datasheet(HTML) 70 Page - Infineon Technologies AG

Back Button TLE9263QX Datasheet HTML 66Page - Infineon Technologies AG TLE9263QX Datasheet HTML 67Page - Infineon Technologies AG TLE9263QX Datasheet HTML 68Page - Infineon Technologies AG TLE9263QX Datasheet HTML 69Page - Infineon Technologies AG TLE9263QX Datasheet HTML 70Page - Infineon Technologies AG TLE9263QX Datasheet HTML 71Page - Infineon Technologies AG TLE9263QX Datasheet HTML 72Page - Infineon Technologies AG TLE9263QX Datasheet HTML 73Page - Infineon Technologies AG TLE9263QX Datasheet HTML 74Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 164 page
background image
Data Sheet
70
Rev. 1.1, 2014-09-26
TLE9263QX
High Speed CAN Transceiver
CAN Bus Transmitter
CANH/CANL Recessive
Output Voltage
(CAN Normal Mode)
V
CANL/H_NM
2.0
–
3.0
V
CAN Normal
Mode;
V
TXD = VCC1;
no load
P_10.3.11
CANH/CANL Recessive
Output Voltage
(CAN Wake Capable Mode)
V
CANL/H_LP
-0.1
–
0.1
V
CAN Wake
Capable Mode;
V
TXD = VCC1;
no load
P_10.3.43
CANH, CANL Recessive
Output Voltage Difference
V
diff = VCANH - VCANL
(CAN Normal Mode)
V
diff_r_N
-500
–
50
mV
CAN Normal
Mode
V
TXD = VCC1;
no load
P_10.3.12
CANH, CANL Recessive
Output Voltage Difference
V
diff = VCANH - VCANL
(CAN Wake Capable Mode)
V
diff_r_W
-500
–
50
mV
CAN Wake
Capable Mode;
V
TXD = VCC1;
no load
P_10.3.41
CANL Dominant Output
Voltage
V
CANL
0.5
–
2.25
V
CAN Normal
Mode;
V
TXD = 0 V;
V
CAN = 5 V;
50Ω ≤
R
L ≤ 65Ω
P_10.3.13
CANH Dominant Output
Voltage
V
CANH
2.75
–
4.5
V
CAN Normal
Mode;
V
TXD = 0 V;
V
CAN = 5 V;
50Ω ≤
R
L ≤ 65Ω
P_10.3.14
CANH, CANL Dominant
Output Voltage Difference
V
diff = VCANH - VCANL
V
diff_d_N
1.5
–
3.0
V
CAN Normal
Mode;
V
TXD = 0 V;
V
CAN = 5 V;
50Ω ≤
R
L ≤ 65Ω
P_10.3.16
Driver Symmetry
V
SYM = VCANH + VCANL
V
SYM
4.5
–
5.5
V
2)CAN Normal
Mode;
V
TXD = 0 V / 5 V;
V
CAN = 5 V;
CSPLIT = 4.7nF;
50Ω ≤
R
L ≤ 60Ω
P_10.3.42
CANH Short Circuit Current
I
CANHsc
-100
-80
-50
mA
CAN Normal
Mode;
V
CANHshort = 0 V
P_10.3.17
Table 17
Electrical Characteristics (cont’d)
V
S = 5.5 V to 28 V; Tj = -40 °C to +150 °C; 4.75 V < VCAN < 5.25 V; RL = 60Ω; CAN Normal Mode; all voltages with
respect to ground, positive current flowing into pin
(unless otherwise specified)
Parameter
Symbol
Values
Unit
Note /
Test Condition
Number
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com