| Electronic Components Datasheet Search |
|
TLE9263QX Datasheet(PDF) 77 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE9263QX Datasheet(HTML) 77 Page - Infineon Technologies AG |
|
77 / 164 page ![]() Data Sheet 77 Rev. 1.1, 2014-09-26 TLE9263QX LIN Transceiver 11.2.2 LIN Normal Mode The LIN Transceiver is enabled via SPI in SBC Normal Mode. LIN Normal Mode is designed for normal data transmission/reception within the LIN network. The Mode is available in SBC Normal Mode and in SBC Stop Mode. Transmission The signal from the microcontroller is applied to the TXDLIN input of the SBC. The bus driver switches the LIN output stage to transfer this input signal to the LIN bus line. Enabling Sequence The LIN transceiver requires an enabling time tLIN,EN before a message can be sent on the bus. This means that the TXDLIN signal can only be pulled LOW after the enabling time. If this is not ensured, then the TXDLIN needs to be set back to high (=recessive) until the enabling time is completed. Only the next dominant bit will be transmitted on the bus. Figure 34 shows different scenarios and explanations for LIN enabling. Figure 34 LIN Transceiver Enabling Sequence Reduced Electromagnetic Emission To reduce electromagnetic emissions (EME), the bus driver controls LIN slopes symmetrically. The configuration of the different slopes is described in Chapter 11.2.8. Reception Analog LIN bus signals are converted into digital signals at RXD via the differential input receiver. 11.2.3 LIN Receive Only Mode In LIN Receive Only Mode (RXD only), the driver stage is de-activated but reception is still possible. This mode is accessible by an SPI command and is available in SBC Normal and SBC Stop Mode. t V LIN_ BUS t LIN,EN t V TXDLIN t LIN Mode LIN NORMAL LIN OFF LIN,EN t LIN,EN t recessive TXD level required bevor start of transmission tLIN, EN not ensured , no transmission on bus Correct sequence , Bus is enabled after tLIN, EN tLIN, EN not ensured , no transmission on bus recessive TXD level required Recessive Dominant |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |