Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE9263QX Datasheet(PDF) 80 Page - Infineon Technologies AG

Part # TLE9263QX
Description  Dedicated Data Sheets are available for the different product variants
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9263QX Datasheet(HTML) 80 Page - Infineon Technologies AG

Back Button TLE9263QX Datasheet HTML 76Page - Infineon Technologies AG TLE9263QX Datasheet HTML 77Page - Infineon Technologies AG TLE9263QX Datasheet HTML 78Page - Infineon Technologies AG TLE9263QX Datasheet HTML 79Page - Infineon Technologies AG TLE9263QX Datasheet HTML 80Page - Infineon Technologies AG TLE9263QX Datasheet HTML 81Page - Infineon Technologies AG TLE9263QX Datasheet HTML 82Page - Infineon Technologies AG TLE9263QX Datasheet HTML 83Page - Infineon Technologies AG TLE9263QX Datasheet HTML 84Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 164 page
background image
Data Sheet
80
Rev. 1.1, 2014-09-26
TLE9263QX
LIN Transceiver
11.2.8
Slope Selection
The LIN transceiver offers a LIN Low-Slope Mode for 10.4 kBaud communication and a LIN Normal-Slope Mode
for 20 kBaud communication. The only difference is the behavior of the transmitter. In LIN Low-Slope Mode, the
transmitter uses a lower slew rate to further reduce the EME compared to Normal-Slope Mode. This complies with
SAE J2602 requirements.By default, the device works in LIN Normal-Slope Mode. The selection of LIN Low-Slope
Mode is done by an SPI bit LIN_LSM and will become effective as soon as CSN goes ‘HIGH’. Only the LIN Slope
is changed. The selection is accessible in SBC Normal Mode only.
11.2.9
Flash Programming via LIN
The device allows LIN flash programming, e.g. of another LIN Slave with a communication of up to 115 kBaud.
This feature is enabled by de-activating the slope control mechanism via a SPI command (bit LIN_FLASH) and
will become effective as soon as CSN goes ‘HIGH’. The SPI bit can be set in SBC Normal Mode.
Note: It is recommended to perform flash programming only at nominal supply voltage VSHS = 13.5V to ensure
stable data communication.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com