Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE9263QX Datasheet(PDF) 52 Page - Infineon Technologies AG

Part # TLE9263QX
Description  Dedicated Data Sheets are available for the different product variants
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9263QX Datasheet(HTML) 52 Page - Infineon Technologies AG

Back Button TLE9263QX Datasheet HTML 48Page - Infineon Technologies AG TLE9263QX Datasheet HTML 49Page - Infineon Technologies AG TLE9263QX Datasheet HTML 50Page - Infineon Technologies AG TLE9263QX Datasheet HTML 51Page - Infineon Technologies AG TLE9263QX Datasheet HTML 52Page - Infineon Technologies AG TLE9263QX Datasheet HTML 53Page - Infineon Technologies AG TLE9263QX Datasheet HTML 54Page - Infineon Technologies AG TLE9263QX Datasheet HTML 55Page - Infineon Technologies AG TLE9263QX Datasheet HTML 56Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 164 page
background image
Data Sheet
52
Rev. 1.1, 2014-09-26
TLE9263QX
External Voltage Regulator 3
Figure 20
VCC3 in Load Sharing Configuration
8.3
External Components
Characterization is performed with the BCP52-16 from Infineon (
I
CC3 < 200 mA) and with MJD253.
Other PNP transistors can be used. However, the functionality must be checked in the application.
Figure 20 shows one hardware set up used.
Note: The SBC is not able to ensure a thermal protection of the external PNP transistor. The power handling
capabilities for the application must therefore be chosen according to the selected PNP device, the PCB
layout and properties of the application to prevent thermal damage, e.g. via the shunt current limitation in
stand alone configuration or by selecting the proper ICC1/ICC3 ratio in load-sharing configuration.
Note: To ensure an optimum EMC behavior of the VCC3 regulator when the VCC3 output is leaving the PCB, it is
necessary to optimize the PCB layout to have the PNP very close to the SBC. If this is not sufficient or
possible, an external capacitance should be placed to the off-board connector (see also Chapter 17.1).
Table 13
Bill of Materials for the
V
CC3 Function with and without load sharing configuration
Device
Vendor
Reference / Value
C2
Murata
10 µF/10 V GCM31CR71A106K64L
RSHUNT
-
1 Ω (with / without LS)
T1
Infineon
BCP52-16
VCC3REF
VCC3B
VCC3SH
VS
RSHUNT
T1
C2
C1
VS
VCC13
Vcc3
Vcc1
ICC3
ICC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com