Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE9263QX Datasheet(PDF) 40 Page - Infineon Technologies AG

Part # TLE9263QX
Description  Dedicated Data Sheets are available for the different product variants
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9263QX Datasheet(HTML) 40 Page - Infineon Technologies AG

Back Button TLE9263QX Datasheet HTML 36Page - Infineon Technologies AG TLE9263QX Datasheet HTML 37Page - Infineon Technologies AG TLE9263QX Datasheet HTML 38Page - Infineon Technologies AG TLE9263QX Datasheet HTML 39Page - Infineon Technologies AG TLE9263QX Datasheet HTML 40Page - Infineon Technologies AG TLE9263QX Datasheet HTML 41Page - Infineon Technologies AG TLE9263QX Datasheet HTML 42Page - Infineon Technologies AG TLE9263QX Datasheet HTML 43Page - Infineon Technologies AG TLE9263QX Datasheet HTML 44Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 164 page
background image
Data Sheet
40
Rev. 1.1, 2014-09-26
TLE9263QX
Voltage Regulator 1
6.3
Electrical Characteristics
Table 9
Electrical Characteristics
V
S = 5.5 V to 28 V; Tj = -40 °C to +150 °C; all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Parameter
Symbol
Values
Unit
Note / Test Condition
Number
Min.
Typ.
Max.
Output Voltage including line
and Load regulation
V
CC1,out1
4.9
5.0
5.1
V
1)SBC Normal Mode;
10µA <
I
VCC1 < 250mA
6V <
V
S < 28V
1) In SBC Stop Mode, the specified output voltage tolerance applies when IVCC1 has exceeded the selected active peak
threshold (
I
VCC1,Ipeak1,r or IVCC1,Ipeak2,r) but with increased current consumption.
P_6.3.1
Output Voltage including line
and Load regulation
V
CC1,out2
4.9
5.0
5.1
V
1)SBC Normal Mode;
10µA <
I
VCC1 < 150mA
P_6.3.7
Output Voltage including line
and Load regulation
V
CC1,out3
4.97
–
5.07
V
1)2)SBC Normal Mode;
20mA < IVCC1 < 90mA
8V < VS < 18V
25°C < Tj < 125°C
P_6.3.12
Output Voltage including line
and Load regulation
V
CC1,out41
4.9
5.05
5.2
V
SBC Stop Mode;
1mA <
I
VCC1 < IVCC1,Ipeak
P_6.3.2
Output Voltage including line
and Load regulation
V
CC1,out42
4.9
5.05
5.25
V
SBC Stop Mode;
10µA <
I
VCC1 < 1mA
P_6.3.20
Output Drop
V
CC1,d1
––
500
mV
I
VCC1 = 50mA
V
S=3V
P_6.3.3
Output Drop
V
CC1,d2
––
500
mV
I
VCC1 = 150mA
V
S=5V
P_6.3.4
VCC1 Active Peak Threshold 1
(Transition threshold between
low-power and high-power
mode regulator)
I
VCC1,Ipeak1,r –1.9
3.5
mA
2) I
CC1 rising;
V
S = 13.5V
-40°C <
T
j < 150°C;
I_PEAK_TH = ‘0’
2) Not subject to production test, specified by design.
P_6.3.13
VCC1 Active Peak Threshold 1
(Transition threshold between
high-power and low-power
mode regulator)
I
VCC1,Ipeak1,f 0.5
1.3
–
mA
2) I
CC1 falling;
V
S = 13.5V
-40°C <
T
j < 150°C;
I_PEAK_TH = ‘0’
P_6.3.17
VCC1 Active Peak Threshold 2
(Transition threshold between
low-power and high-power
mode regulator)
I
VCC1,Ipeak2,r –4.3
7.0
mA
2) I
CC1 rising;
V
S = 13.5V
-40°C <
T
j < 150°C;
I_PEAK_TH = ‘1’
P_6.3.18
VCC1 Active Peak Threshold 2
(Transition threshold between
high-power and low-power
mode regulator)
I
VCC1,Ipeak2,f 1.7
3.4
–
mA
2) I
CC1 falling;
V
S = 13.5V
-40°C <
T
j < 150°C;
I_PEAK_TH = ‘1’
P_6.3.19
Over Current Limitation
I
VCC1,lim
250
–
12002) mA
current flowing out of
pin,
V
CC1 = 0V
P_6.3.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com