Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE9263QX Datasheet(PDF) 104 Page - Infineon Technologies AG

Part # TLE9263QX
Description  Dedicated Data Sheets are available for the different product variants
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9263QX Datasheet(HTML) 104 Page - Infineon Technologies AG

Back Button TLE9263QX Datasheet HTML 100Page - Infineon Technologies AG TLE9263QX Datasheet HTML 101Page - Infineon Technologies AG TLE9263QX Datasheet HTML 102Page - Infineon Technologies AG TLE9263QX Datasheet HTML 103Page - Infineon Technologies AG TLE9263QX Datasheet HTML 104Page - Infineon Technologies AG TLE9263QX Datasheet HTML 105Page - Infineon Technologies AG TLE9263QX Datasheet HTML 106Page - Infineon Technologies AG TLE9263QX Datasheet HTML 107Page - Infineon Technologies AG TLE9263QX Datasheet HTML 108Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 164 page
background image
Data Sheet
104
Rev. 1.1, 2014-09-26
TLE9263QX
Supervision Functions
15.2.4
Watchdog during SBC Stop Mode
The watchdog can be disabled for SBC Stop Mode in SBC Normal Mode. For safety reasons, there is a special
sequence to be followed in order to disable the watchdog as described in Figure 51. Two different SPI bits
(WD_STM_ EN_0, WD_STM_ EN_1) in the registers WK_CTRL_1 and WD_CTRL need to be set.
Figure 51
Watchdog disabling sequence in SBC Stop Mode
If a sequence error occurs, then the bit WD_STM_ EN_1 will be cleared and the sequence has to be started again.
The watchdog can be enabled by triggering the watchdog in SBC Stop Mode or by switching back to SBC Normal
Mode via SPI command. In both cases the watchdog will start with a long open window and the bits
WD_STM_EN_1 and WD_STM_ EN_0 are cleared. After the long open window the watchdog has to be served
as configured in the WD_CTRL register.
Note: The bit WD_STM_ EN_0 will be cleared automatically when the sequence is started and it was 1 before.
15.2.5
Watchdog Start in SBC Stop Mode due to Bus Wake
In SBC Stop Mode the Watchdog can be disabled. In addition a feature is available which will start the watchdog
with any BUS wake (CAN or LIN) during SBC Stop Mode. The feature is enabled by setting the bit WD_EN_
WK_BUS = 1
(= default value after POR). The bit can only be changed in SBC Normal Mode and needs to be programmed
before starting the watchdog disable sequence.
A wake on CAN and LINx will generate an interrupt and the RXD pin for LINx or CAN is pulled to low. By these
signals the microcontroller is informed that the watchdog is startedwith a long open window. After the long open
window the watchdog has to be served as configured in the WD_CTRL register.
To disable the watchdog again, the SBC needs to be switched to Normal Mode and the sequence needs to be
sent again.
Correct WD disabling
sequence
Set bit
WD_STM_EN_1 = 1
Set bit
WD_STM_EN_0 = 1
with next WD Trigger
WD is switched off
Sequence Errors
• Missing to set bit
WD_STM_EN_0 with the
next watchdog trigger after
having set WD_STM_EN_1
• Staying in Normal Mode
instead of going to Stop
Mode with the next trigger
Change to
SBC Stop Mode
Before subsequent WD Trigger
Will enable the WD :
• Switching back to SBC
Normal Mode
• Triggering the watchdog



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com