Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DP83848JSQ/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848JSQ/NOPB
Description  MII Serial Management Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848JSQ/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button DP83848JSQ/NOPB Datasheet HTML 8Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 9Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 10Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 11Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 12Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 13Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 14Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 15Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 84 page
background image
DP83848H, DP83848J, DP83848K, DP83848M, DP83848T
SNLS250E – MAY 2008 – REVISED APRIL 2015
www.ti.com
AC Timing Requirements (continued)
MIN
NOM
MAX
UNIT
100 Mb/s MII TRANSMIT TIMING (REFER TO Figure 5-4)
T2.4.1
TX_CLK High/Low Time
100 Mb/s Normal mode
16
20
24
ns
T2.4.2
TXD[3:0], TX_EN Data Setup to TX_CLK
100 Mb/s Normal mode
10
ns
T2.4.3
TXD[3:0], TX_EN Data Hold from TX_CLK
100 Mb/s Normal mode
0
ns
100 Mb/s MII RECEIVE TIMING (REFER TO Figure 5-5)(3)
T2.5.1
RX_CLK High/Low Time
100 Mb/s Normal mode
16
20
24
ns
T2.5.2
RX_CLK to RXD[3:0], RX_DV, RX_ER Delay
100 Mb/s Normal mode
10
30
ns
100BASE-TX TRANSMIT PACKET LATENCY TIMING (REFER TO Figure 5-6)(4)
T2.6.1
TX_CLK to PMD Output Pair Latency
100 Mb/s Normal mode
6
bits
100BASE-TX TRANSMIT PACKET DEASSERTION TIMING (REFER TO Figure 5-7)(5)
T2.7.1
TX_CLK to PMD Output Pair Deassertion
100 Mb/s Normal mode
6
bits
100BASE-TX TRANSMIT TIMING (tR/F) AND JITTER) (REFER TO Figure 5-8)
(6) (7)
100 Mb/s PMD Output Pair tR and tF
3
4
5
ns
T2.8.1
100 Mb/s tR and tF Mismatch
500
ps
T2.8.2
100 Mb/s PMD Output Pair Transmit Jitter
1.4
ns
100BASE-TX RECEIVE PACKET LATENCY TIMING (REFER TO Figure 5-9)(8)(9)(10)
T2.9.1
Carrier Sense ON Delay
100 Mb/s Normal mode
20
bits
T2.9.2
Receive Data Latency
100 Mb/s Normal mode
24
bits
100BASE-TX RECEIVE PACKET DEASSERTION TIMING (REFER TO Figure 5-10)(9)(11)
T2.10.1
Carrier Sense OFF Delay
100 Mb/s Normal mode
24
bits
10 Mb/s MII TRANSMIT TIMING (REFER TO Figure 5-11)(12)
T2.11.1
TX_CLK High/Low Time
10 Mb/s MII mode
190
200
210
ns
T2.11.2
TXD[3:0], TX_EN Data Setup to TX_CLK fall
10 Mb/s MII mode
25
ns
T2.11.3
TXD[3:0], TX_EN Data Hold from TX_CLK rise
10 Mb/s MII mode
0
ns
10 Mb/s MII RECEIVE TIMING (REFER TOFigure 5-12)(13)
T2.12.1
RX_CLK High/Low Time
160
200
240
ns
T2.12.2
RX_CLK to RXD[3:0], RX_DV Delay
10 Mb/s MII mode
100
ns
RX_CLK rising edge delay from RXD[3:0], RX_DV
T2.12.3
10 Mb/s MII mode
100
ns
Valid
10BASE-T TRANSMIT TIMING (START OF PACKET) (REFER TO Figure 5-13)(14)
Transmit Output Delay from the Falling Edge of
T2.13.1
10 Mb/s MII mode
3.5
bits
TX_CLK
10BASE-T TRANSMIT TIMING (END OF PACKET) (REFER TO Figure 5-14)
T2.14.1
End of Packet High Time (with 0 ending bit)
250
300
ns
T2.14.2
End of Packet High Time (with 1 ending bit)
250
300
ns
10BASE-T RECEIVE TIMING (START OF PACKET) (REFER TO Figure 5-15)(14)(15)
Carrier Sense Turnon Delay (PMD Input Pair to
T2.15.1
630
1000
ns
CRS)
T2.15.2
RX_DV Latency
10
bits
(3)
RX_CLK may be held low or high for a longer period of time during transition between reference and recovered clocks. Minimum high
and low times will not be violated.
(4)
For Normal mode, latency is determined by measuring the time from the first rising edge of TX_CLK occurring after the assertion of
TX_EN to the first bit of the “J” code group as output from the PMD Output Pair. 1 bit time = 10 ns in 100 Mb/s mode.
(5)
Deassertion is determined by measuring the time from the first rising edge of TX_CLK occurring after the deassertion of TX_EN to the
first bit of the “T” code group as output from the PMD Output Pair. 1 bit time = 10 ns in 100 Mb/s mode.
(6)
Normal Mismatch is the difference between the maximum and minimum of all rise and fall times.
(7)
Rise and fall times taken at 10% and 90% of the +1 or –1 amplitude.
(8)
Carrier Sense On Delay is determined by measuring the time from the first bit of the “J” code group to the assertion of Carrier Sense.
(9)
1 bit time = 10 ns in 100 Mb/s mode.
(10) PMD Input Pair voltage amplitude is greater than the Signal Detect Turnon Threshold Value.
(11) Carrier Sense Off Delay is determined by measuring the time from the first bit of the “T” code group to the deassertion of Carrier Sense.
(12) An attached Mac should drive the transmit signals using the positive edge of TX_CLK. As shown above, the MII signals are sampled on
the falling edge of TX_CLK.
(13) RX_CLK may be held low for a longer period of time during transition between reference and recovered clocks. Minimum high and low
times will not be violated.
(14) 1 bit time = 100 ns in 10 Mb/s mode.
(15) 10BASE-T RX_DV Latency is measured from first bit of preamble on the wire to the assertion of RX_DV
12
Specifications
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83848H DP83848J DP83848K DP83848M DP83848T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com