Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 37 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 37 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 33Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 34Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 35Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 36Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 37Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 38Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 39Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 40Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
Table 9-4. ASC DMA Channel Assignment
CHANNEL
R/W
PERIPHERAL
REGISTER
0
R
UART3
RXBUF3
1
W
UART3
TXBUF3
2
R
CVSD/PCM0
PCMOUT0
3
W
CVSD/PCM0
PCMIN0
4
R
CVSD/PCM1
PCMOUT1
5
W
CVSD/PCM1
PCMIN1
6
R
AAI Slot 0
ARDR0
7
W
AAI Slot 0
ATDR0
8
R
AAI Slot 1
ARDR1
9
W
AAI Slot 1
ATDR1
10
R
Codec ADC1
TCDCADC1
11
R
Codec ADC2
TCDCADC2
12
W
Codec Left DAC
TCDCLEFT
13
W
Codec Right DAC
TCDCRIGHT
14
R
I2S Left
I2SRXDATALEFT
15
R
I2S Right
I2SRXDATARIGHT
16
W
I2S Left
I2STXDATALEFT
17
W
I2S Right
I2STXDATARIGHT
18
R
MWSPI1
MWDAT
19
W
MWSPI1
MWDAT
20
R/W
ACB1
ACB1SDA
9.3
DSP and ASC Registers
The DSP and ASC registers control and provide status for the interface between the CPU and the DSP.
The DSP and ASC registers are listed in Table 9-5.
Table 9-5. DSP and ASC Registers
NAME
ADDRESS
DESCRIPTION
ADMAC
FF 6820h
ASC DSP Control Register
ADMAS
FF 681Ch
ASC DSP Status Register
PDATA
FF EC00h
DSP DMA Channel 0 Data Register
PADR
FF EC04h
DSP DMA Channel 0 Address Register
PCFG
FF EC08h
CPU/DSP Interface Configuration Register
PSTS
FF EC0Ch
CPU/DSP Interface Status Register
PSEM
FF EC10h
CPU-to-DSP Semaphore Register
PMASK
FF EC14h
CPU Interrupt Mask Register
PCLEAR
FF EC18h
CPU-to-DSP Semaphore Clear Register
APBP_SEM
FF EC1Ch
DSP-to-CPU Semaphore Register
APBP_COM0
FF EC20h
CPU-to-DSP Command Register 0
APBP_REP0
FF EC24h
DSP-to-CPU Reply Register 0
APBP_COM1
FF EC28h
CPU-to-DSP Command Register 1
APBP_REP1
FF EC2Ch
DSP-to-CPU Reply Register 1
APBP_COM2
FF EC30h
CPU-to-DSP Command Register 2
APBP_REP2
FF EC34h
DSP-to-CPU Reply Register 2
ASCDMASEL0
FF 6800h
ASC DMA Controller Select Register 0
ASCDMASEL1
FF 6804h
ASC DMA Controller Select Register 1
Copyright © 2013, Texas Instruments Incorporated
DSP and Audio Peripherals
37
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com