Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 100 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 100 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 96Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 97Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 98Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 99Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 100Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 101Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 102Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 103Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 104Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
16.6.2 Entering Idle Mode
Idle mode can only be entered from Power Save mode. Idle mode is entered by writing 1 to the
PMMSTCTL.IDLE bit and then executing a WAIT instruction.
16.6.3 Disabling the High-Frequency Clock
When the low-frequency oscillator is used to generate the Slow Clock, power consumption can be
reduced further in the Power Save or Idle mode by disabling the high-frequency oscillator. This is
accomplished by writing a 1 to the PMMSTCTL.DMC bit before executing the WAIT instruction that puts
the device in the Power Save or Idle mode. The high-frequency clock is turned off only after the device
enters the Power Save or Idle mode.
The CPU operates from Slow Clock in Power Save mode. It can turn off the high-frequency oscillator at
any time by writing a 1 to the PMMSTCTL.DMC bit. The high-frequency oscillator is always enabled in
Active mode and is always disabled in Halt mode, without regard to the PMMSTCTL.DMC bit.
Immediately after power-up and entry into Active mode, software must wait for the low-frequency oscillator
to become stable before it can put the device in Power Save mode. It should monitor the
PMMSR.SCLKSTB bit for this purpose. Once this bit is set, the low-frequency oscillator is stable and
Power Save mode can be entered.
Slow Clock must come from the low-frequency oscillator or an external clock (driven on X2CKI), not
derived from Main Clock, if the high-frequency oscillator will be disabled.
16.6.4 Entering Halt Mode
Halt mode can only be entered from the Active and Power Save modes. In Active mode, the
PMMSTCTL.WBPSM bit must be set before entering Halt mode. Halt mode is entered by writing 1 to the
PMMSTCTL.HALT bit and then executing a WAIT instruction.
16.6.5 Software-Controlled Transition to Active Mode
A transition from Power Save mode to Active mode can be accomplished by either a software method or a
hardware wake-up event. The software method is to write a 0 to the PMMSTCTL.PSM bit. The value of
the register bit changes only after the transition to the Active mode is completed.
If the high-frequency oscillator is disabled for Power Save operation, the oscillator must be enabled and
allowed to stabilize before the transition to Active mode. To enable the high-frequency oscillator, clear the
PMMSTCTL.DMC
bit.
Before
clearing
the
PMMSTCTL.PSM
bit,
software
must
poll
the
PMMSR.MCLKSTB bit to determine when the oscillator has stabilized.
16.6.6 Wake-Up Transition to Active Mode
A hardware wake-up event switches the device directly from Power Save, Idle, or Halt mode to Active
mode. When a wake-up event occurs, the on-chip hardware performs the following steps:
1. Clears the PMMSTCTL.DMC, PMMCSTCTL.DSC, and PMMPLLnCTL2.DPLLC bits, which enable the
high-frequency oscillator, low-frequency oscillator, and PLL Clocks (if any were disabled).
2. Waits for the PMMSR.MCLKSTB and PMMSR.SCLKSTB bits to become set. If either of the PLLs were
enabled before entering the low-power mode, waits for the corresponding
PMMPLLnCTL2.PLLCLKSTB bits to become set.
3. Switches the device into Active mode.
16.6.7 Power Mode Switching Protection
The Power Management Module has several mechanisms to protect the device from malfunctions caused
by missing or unstable clock signals.
100
Power Management Module
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com