Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 130 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 130 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 126Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 127Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 128Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 129Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 130Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 131Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 132Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 133Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 134Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
The DAC FIFOs are automatically flushed when the DAC is disabled. When the DAC is muted, the DAC
FIFOs should be flushed before the DAC is unmuted.
20.5.2 Interrupts
Interrupt requests on IRQ28 can be generated from several sources, such as FIFO overrun/underrun,
power-cycle events, and audio signal zero-crossings and clipping events (useful for changes to the DSP
or audio stream). The interrupt enable register (TCDCIRQEN) and FIFO trigger control register
(TCDCFIFO) are used to enable events which assert interrupt requests. The pending/clear register
(TCDCIRQPNDCLR) indicates which events have occurred. Writing 1 to a bit in the TCDCIRQPNDCLR
register clears the event.
Because the interrupt request can be handled by either the CPU or DSP interrupt controllers, the interrupt
request is passed through the Audio Subsystem Controller (ASC), which is programmed to route it to the
interrupt controller. To use the codec interrupt, it must be enabled at three levels:
•
Codec module—the interrupt must be enabled in the TCDCIRQEN register.
•
ASC module—the codec interrupt is assigned to ASC interrupt channel 8, so bit 8 in the ASCINTSEL
register must be clear to select the CPU interrupt controller or set to select the DSP interrupt controller.
•
Interrupt controller—the interrupt request must be enabled in the interrupt controller. For the CPU
interrupt controller, this is interrupt request IRQ28.
20.5.3 DMA
A DMA request or interrupt request may be enabled when a FIFO reaches its trigger level. Low trigger
levels are recommended for triggering DMA requests, to reduce unnecessary latency. DMA requests and
IRQ28 interrupt requests are mutually exclusive, however interrupt requests IRQ49, IRQ48, IRQ47, and
IRQ46 may be enabled for DMA requests on channels 10, 11, 12, and 13, respectively.
Because the codec DMA requests can be handled by either the CPU or DSP DMA controllers, the DMA
requests are passed through the Audio Subsystem Controller (ASC), which is programmed to route them
to the DMA controller. To use the codec DMA requests, they must be enabled at three levels:
•
Codec module—the codec DMA requests must be enabled in the TCDCFIFO register.
•
ASC module—the codec DMA requests are assigned to ASC DMA channels 10 (ADC1), 11 (ADC2),
12 (left DAC), and 13 (right DAC). These channels are controlled by bits 10, 11, 12, and 13 in the
ASCDMASEL0 register. The bits must be clear to select the CPU DMA controller or set to select the
DSP DMA controller. If the DSP DMA controller is selected, the DSP DMA channel must be enabled in
the ASCDDMASELn registers.
•
DMA controller—the DMA requests must be enabled in the DMA controller. For the CPU DMA
controller, these are DMA requests 10 (ADC1), 11 (ADC1), 12 (left DAC), and 13 (right DAC).
If a DMA request is disabled while it is asserted, the request will remain asserted, which blocks lower-
priority requests to the DMA controller. To avoid this situation, software can either check that the DMA
request is not asserted before disabling the request, or it can disable the request in the DMA controller.
20.6 Freeze Mode
When Freeze mode is entered, the codec will exhibit the following behavior:
•
The contents of the ADC and DAC FIFOs and the FIFO output data do not change.
•
The DAC outputs are muted.
20.7 Reset
The ADC, DACs, DSP, and analog modules should not be reset asynchronously in normal applications,
because this may damage external electro-mechanical devices such as speakers.
130
Telematics Codec
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com