Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP8551TLX/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LP8551TLX/NOPB
Description  LP8551 High-Efficiency LED Backlight Driver for Notebooks
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8551TLX/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP8551TLX/NOPB Datasheet HTML 12Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 13Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 14Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 15Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 16Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 17Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 18Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 19Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
Brightness (PWM)
Time
Slope Time
Advanced slope
Brightness (PWM)
Sloper Input
PWM Output
Time
Normal slope
LP8551
SNVS673E – APRIL 2010 – REVISED SEPTEMBER 2014
www.ti.com
Figure 11. Sloper Operation
8.3.2.14 Driver Headroom Control
Driver headroom can be controlled with <DRV_HEADR[2:0]> EEPROM bits. Driver headroom control sets the
minimum threshold for the voltage over the LED output which has the smallest driver headroom and controls the
boost output voltage accordingly. Boost output voltage step size is 125 mV. The LED output which has the
smallest forward voltage is the one which has highest VF across the LEDs. The strings with highest forward
voltage is detected automatically. To achieve best possible efficiency smallest possible headroom voltage should
be selected. If there is high variation between LED strings, the headroom can be raised slightly to prevent any
visual artifacts.
8.3.3 Boost Converter
8.3.3.1 Operation
The LP8551 boost DC/DC converter generates a 10-V to 40-V supply voltage for the LEDs from 2.7-V to 22-V
input voltage. The output voltage can be controlled either with EEPROM register bits <VBOOST[4:0]> or
automatic adaptive voltage control can be used. The converter is a magnetic switching PWM mode DC/DC
converter with a current limit. The topology of the magnetic boost converter is called CPM (current programmed
mode) control, where the inductor current is measured and controlled with the feedback. Switching frequency is
selectable between 156 kHz and 1.25 MHz with EEPROM bit <BOOST_FREQ[1:0]>. When <EN_BOOST>
EEPROM register bit is set to 1, then boost activates automatically when backlight is enabled.
In adaptive mode the boost output voltage is adjusted automatically based on LED driver headroom voltage.
Boost output voltage control step size is, in this case, 125 mV, to ensure as small as possible driver headroom
and high efficiency. Enabling the adaptive mode is done with <EN_ADAPT> EEPROM bit. If boost is started with
adaptive mode enabled, then the initial boost output voltage value is defined with the <VBOOST[4:0]> EEPROM
register bits in order to eliminate long output voltage iteration time when boost is started for the first time.
Figure 12 shows the boost topology with the protection circuitry:
16
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: LP8551



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com