Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP8551TLX/NOPB Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # LP8551TLX/NOPB
Description  LP8551 High-Efficiency LED Backlight Driver for Notebooks
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8551TLX/NOPB Datasheet(HTML) 31 Page - Texas Instruments

Back Button LP8551TLX/NOPB Datasheet HTML 27Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 28Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 29Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 30Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 31Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 32Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 33Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 34Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 47 page
background image
LP8551
www.ti.com
SNVS673E – APRIL 2010 – REVISED SEPTEMBER 2014
8.6.2.4 EEPROM Address 2
Address A2h
EEPROM ADDRESS 2 REGISTER
7
6
5
4
3
2
1
0
ADAPTIVE_SPEED[1:0]
ADV_SLOPE
EN_ADAPT
EN_BOOST
BOOST_IMAX
Name
Bit
Access
Description
ADAPTIVE
7
R/W
Boost converter adaptive control speed adjustment
SPEED[1]
0 = Normal mode
1 = Adaptive mode optimized for light loads. Activating this helps the voltage droop with
light loads during boost / backlight start-up.
ADAPTIVE
6
R/W
Boost converter adaptive control speed adjustment
SPEED[0]
0 = Adjust boost once for each phase shift cycle or normal PWM cycle
1 = Adjust boost every 16th phase shift cycle or normal PWM cycle
ADV_SLOPE
5
R/W
Advanced slope
0 = Advanced slope is disabled
1 = Use advanced slope for brightness change to make brightness changes smooth for
eye
EN_ADAPT
3
R/W
Enable boost converter adaptive mode
0 = adaptive mode disabled, boost converter output voltage is set with VBOOST
EEPROM register bits
1 = adaptive mode enabled. Boost converter startup voltage is set with VBOOST
EEPROM register bits, and after startup voltage is reached the boost converter adapts
to the highest LED string VF. LED driver output headroom is set with DRV_HEADR
EEPROM control bits.
EN_BOOST
2
R/W
Enable boost converter
0 = boost is disabled
1 = boost is enabled and turns on automatically when backlight is enabled
BOOST_IMAX
1
R/W
Boost converter inductor maximum current
0 = 1.4 A
1 = 2.5 A (recommended)
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: LP8551



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com