Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP8551TLX/NOPB Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # LP8551TLX/NOPB
Description  LP8551 High-Efficiency LED Backlight Driver for Notebooks
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8551TLX/NOPB Datasheet(HTML) 33 Page - Texas Instruments

Back Button LP8551TLX/NOPB Datasheet HTML 29Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 30Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 31Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 32Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 33Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 34Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 35Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 36Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
LP8551
www.ti.com
SNVS673E – APRIL 2010 – REVISED SEPTEMBER 2014
8.6.2.7 EEPROM Address 5
Address A5h
EEPROM ADDRESS 5 REGISTER
7
6
5
4
3
2
1
0
VBOOST[4:0]
Name
Bit
Access
Description
VBOOST
4:0
R/W
Boost voltage control from 10V to 40V with 1V step. If adaptive boost control is
enabled, this sets the initial start voltage for the boost converter. If adaptive mode
is disabled, this directly sets the output voltage of the boost converter.
0 0000 = 10V
0 0001 = 11V
0 0010 = 12V
...
1 1101 = 39V
1 1110 = 40V
1 1111 = 40V
8.6.2.8 EEPROM Address 7
Address A7h
EEPROM ADDRESS 7 REGISTER
7
6
5
4
3
2
1
0
EN_F_RES
HYSTERESIS[1:0]
Name
Bit
Access
Description
EN_F_RES
2
R/W
Enable PWM output frequency set resistor
0 = Resistor is disabled and PWM output frequency is set with PWM_FREQ EEPROM
register bits
1 = PWM frequency set resistor is enabled. RFSET defines the output PWM frequency. See
PWM Frequency Setting for full description of the PWM frequencies.
HYSTERESIS
1:0
R/W
PWM input hysteresis function. Defines how small changes in the PWM input are ignored to
remove constant switching between two values.
00 = OFF
01 = 1-bit hysteresis with 11-bit resolution
10 = 1-bit hysteresis with 10-bit resolution
11 = 1-bit hysteresis with 8-bit resolution
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: LP8551



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com