Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP8551TLX/NOPB Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # LP8551TLX/NOPB
Description  LP8551 High-Efficiency LED Backlight Driver for Notebooks
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8551TLX/NOPB Datasheet(HTML) 32 Page - Texas Instruments

Back Button LP8551TLX/NOPB Datasheet HTML 28Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 29Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 30Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 31Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 32Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 33Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 34Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 35Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
LP8551
SNVS673E – APRIL 2010 – REVISED SEPTEMBER 2014
www.ti.com
8.6.2.5 EEPROM Address 3
Address A3h
EEPROM ADDRESS 3 REGISTER
7
6
5
4
3
2
1
0
UVLO[1:0]
EN_PSPWM
PWM_FREQ[4:0]
Name
Bit
Access
Description
UVLO
7:6
R/W
00 = Disabled
01 = 2.7 V
10 = 5.4 V
11 = 8.1 V
EN_PSPWM
5
R/W
Enable phase shift PWM scheme
0 = phase shift PWM disabled, normal PWM mode used
1 = phase shift PWM enabled
PWM_FREQ
4:0
R/W
PWM output frequency setting. See PWM Frequency Setting for full
description of selectable PWM frequencies.
8.6.2.6 EEPROM Address 4
Address A4h
EEPROM ADDRESS 4 REGISTER
7
6
5
4
3
2
1
0
PWM_RESOLUTION[1:0]
EN_I_RES
LED_FAULT_THR
DRV_HEADR[2:0]
Name
Bit
Access
Description
PWM RESOLUTION
7:6
R/W
PWM output resolution selection. Actual resolution depends also on the output
frequency. See PWM Frequency Setting for full description.
00 = 8...10 bits (19.2 kHz...4.8 kHz)
01 = 9...11 bits (19.2 kHz... 4.8 kHz)
10 = 10...12 bits (19.2 kHz...4.8 kHz)
11 = 11...13 bits (19.2 kHz...4.8 kHz)
EN_I_RES
5
R/W
Enable LED current set resistor
0 = Resistor is disabled and current is set only with CURRENT EEPROM register bits
1 = Enable LED current set resistor. LED current is defined by the RISET resistor and the
CURRENT EEPROM register bits.
LED_FAULT_THR
4
R/W
LED fault detector thresholds. VSAT is the saturation voltage of the driver, typically 200
mV.
0 = 3.3V
1 = 5.3V
DRV_HEADR
2:0
R/W
LED output driver headroom control. VSAT is the saturation voltage of the driver, typically
200 mV.
000 = VSAT + 125 mV
001 = VSAT + 250 mV
010 = VSAT + 375 mV
011 = VSAT + 500 mV
100 = VSAT + 625 mV
101 = VSAT + 750 mV
110 = VSAT + 875 mV
111 = VSAT + 1000 mV
32
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: LP8551



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com