Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP8551TLX/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LP8551TLX/NOPB
Description  LP8551 High-Efficiency LED Backlight Driver for Notebooks
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8551TLX/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP8551TLX/NOPB Datasheet HTML 8Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 9Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 10Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 11Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 12Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 13Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 14Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 15Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
5 MHz internal
oscillator
PWM generation
PWM_FREQ[4:0]
or External
set resistor RFSET
VBOOST
LED Drivers 1-4
Divider
1/N
5 MHz...40 MHz
PSPWM 0/1
Boost
Filter
VCO
Counter
1/N
PLL
Phase
Detector
State machine,
PWM input, internal
timings, Slope etc.
BOOST_FREQ
N = 4, 8, 16, 32
PWM_RESOLUTION[1:0]
LP8551
SNVS673E – APRIL 2010 – REVISED SEPTEMBER 2014
www.ti.com
8.3 Feature Description
8.3.1 Clock Generation
The LP8551 has internal 5-MHz oscillator which is used for clocking the boost converter, state machine, PWM
outputs, PWM input duty cycle measurement, internal timings such as slope time for output brightness changes.
For PWM output generation the 5-MHz clock can be multiplied with the internal PLL to achieve higher resolution.
The higher the clock frequency for PWM generation block, the higher the resolution but the tradeoff is higher IQ
of the part. Clock multiplication is set with <PWM_RESOLUTION[1:0]> EEPROM Bits.
Figure 8. Principle of the Clock Generation
8.3.2 Brightness Control Methods
The LP8551 controls the brightness of the backlight with PWM. PWM control is received either from PWM input
pin or from I2C register bits. The PWM source selection is done with <BRT_MODE[1:0]> bits as follows:
BRT_MODE[1]
BRT_MODE[0]
PWM SOURCE
0
0
PWM input pin duty cycle control. Default.
0
1
PWM input pin duty cycle control.
1
0
Brightness register
1
1
PWM direct control (PWM in = PWM out)
8.3.2.1 PWM Input Duty Cycle
With PWM input pin duty cycle control the output PWM is controlled by PWM input duty cycle. PWM detector
block measures the duty cycle in the PWM pin and uses this 13-bit value to generate the output PWM. Output
PWM can have different frequency than input in this mode and also phase shift PWM mode can be used. Slope
is effective in this mode. PWM input resolution is defined by the input PWM clock frequency.
8.3.2.2 Brightness Register Control
With brightness register control the output PWM is controlled with 8-bit resolution <BRT7:0> register bits. Phase
shift scheme can be used with this, and the output PWM frequency can be freely selected. Slope is effective in
this mode.
8.3.2.3 PWM Direct Control
With PWM direct control the output PWM directly follows the input PWM. Due to the internal logic structure the
input is anyway clocked with the 5 MHz clock or the PLL clock. PSPWM mode is not possible in this mode. Slope
is not effective in this mode.
12
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: LP8551



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com