Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP8551TLX/NOPB Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # LP8551TLX/NOPB
Description  LP8551 High-Efficiency LED Backlight Driver for Notebooks
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8551TLX/NOPB Datasheet(HTML) 36 Page - Texas Instruments

Back Button LP8551TLX/NOPB Datasheet HTML 32Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 33Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 34Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 35Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 36Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 37Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 38Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 39Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 47 page
background image
MCU
LP8551
SW
FB
VLDO
GNDs
EN
ISET
VDDIO
PWM
SCLK
SDA
OUT1
OUT2
OUT3
OUT4
L1
D1
2.7 V...
+5V input rail
FSET
15 éH
COUT
CIN
10 éF
4.7 éF
CVLDO
1 éF
VDDIO reference voltage
RISET
FAULT
Can be left floating
if not used
39 pF
VIN
RFSET
VBATT
10 V ± 40 V *
*) Conversion ratio of 10
should not be exceeded
LP8551
SNVS673E – APRIL 2010 – REVISED SEPTEMBER 2014
www.ti.com
9.2.1.2.1.3
LDO Capacitor
A 1-
μF ceramic capacitor with 10-V voltage rating is recommended for the LDO capacitor.
9.2.1.2.1.4
Output Diode
A Schottky diode should be used for the output diode. Peak repetitive current should be greater than inductor
peak current (2.5 A) to ensure reliable operation. Average current rating should be greater than the maximum
output current. Schottky diodes with a low forward drop and fast switching speeds are ideal for increasing
efficiency in portable applications. Choose a reverse breakdown voltage of the Schottky diode significantly larger
(approximately 60 V) than the output voltage. Do not use ordinary rectifier diodes, since slow switching speeds
and long recovery times cause the efficiency and the load regulation to suffer.
9.2.1.3 Application Curves
Typical Boost and LED Current waveforms with ƒLED= 9.6 kHz.
Figure 23. 10% LED PWM Duty Cycle
Figure 24. 60% LED PWM Duty Cycle
9.2.2 Application with Low-Input Voltage
In Single Li-Ion cell powered application the internal circuitry of LP8551 can be powered from external 5-V rail.
Boost is powered directly from Li-Ion battery and VLDO and VIN pins are connected to external 5-V rail. Current
draw from the 5-V rail is maximum 10 mA. A separate 5-V rail to VIN/VLDO can be used also in higher input
voltage application to improve efficiency or add increase input voltage range above 22 V in some cases. There
are no power sequencing requirement for VIN/VLDO and VBATT other than VBATT must be available when enabling
backlight to prevent a false overcurrent fault.
Figure 25. LP8551 with Low-Input Voltage
36
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: LP8551



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com