Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP8551TLX/NOPB Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # LP8551TLX/NOPB
Description  LP8551 High-Efficiency LED Backlight Driver for Notebooks
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8551TLX/NOPB Datasheet(HTML) 25 Page - Texas Instruments

Back Button LP8551TLX/NOPB Datasheet HTML 21Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 22Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 23Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 24Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 25Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 26Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 27Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 28Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
LP8551
www.ti.com
SNVS673E – APRIL 2010 – REVISED SEPTEMBER 2014
8.6 Register Map
ADDR
REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
DEFAULT
00H
Brightness Control
BRT[7:0]
0000 0000
01H
Device Control
BRT_MODE[1:0]
BL_CTL
0000 0000
02H
Fault
OPEN
SHORT
2_CHANNELS
1_CHANNEL
BL_FAULT
OCP
TSD
UVLO
0000 0000
03H
ID
PANEL
MFG[3:0]
REV[2:0]
1111 1100
04H
Direct Control
OUT[4:1]
0000 0000
05H
Temp MSB
TEMP[10:3]
0000 0000
06H
Temp LSB
TEMP[2:0]
0000 0000
72H
EEPROM_control
EE_READY
EE_INIT
EE_PROG
EE_READ
0000 0000
8.6.1 Register Bit Explanations
8.6.1.1 Brightness Control
Address 00h
Reset value 0000 0000b
BRIGHTNESS CONTROL REGISTER
7
6
5
4
3
2
1
0
BRT[7:0]
Name
Bit
Access
Description
BRT
7:0
R/W
Backlight PWM 8-bit linear control.
8.6.1.2 Device Control
Address 01h
Reset value 0000 0000b
DEVICE CONTROL REGISTER
7
6
5
4
3
2
1
0
BRT_MODE[1:0]
BL_CTL
Name
Bit
Access
Description
BRT_MODE
2:1
R/W
PWM source mode
00b = PWM input pin duty cycle control (default)
01b = PWM input pin duty cycle control
10b = Brightness register
11b = Direct PWM control from PWM input pin
BL_CTL
0
R/W
Enable backlight
0 = Backlight disabled and chip turned off if BRT_MODE[1:0] = 10. In external PWM
pin control the state of the chip is defined with the PWM pin, and this bit has no
effect.
1 = Backlight enabled and chip turned on if BRT_MODE[1:0] = 10. In external PWM
pin control the state of the chip is defined with the PWM pin, and this bit has no
effect.
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LP8551



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com