Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP8551TLX/NOPB Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # LP8551TLX/NOPB
Description  LP8551 High-Efficiency LED Backlight Driver for Notebooks
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8551TLX/NOPB Datasheet(HTML) 34 Page - Texas Instruments

Back Button LP8551TLX/NOPB Datasheet HTML 30Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 31Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 32Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 33Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 34Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 35Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 36Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 37Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 47 page
background image
MCU
LP8551
SW
FB
VLDO
GNDs
EN
ISET
VDDIO
PWM
SCLK
SDA
OUT1
OUT2
OUT3
OUT4
L1
D1
10 V ± 40 V
5.5 V ± 22 V
5V
FSET
15 éH
210 mA ± 400 mA
COUT
CIN
10 éF
4.7 éF
CVLDO
1 éF
VDDIO reference voltage
FAULT
Can be left floating
if not used
39 pF
VIN
RISET
RFSET
VBATT
LP8551
SNVS673E – APRIL 2010 – REVISED SEPTEMBER 2014
www.ti.com
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The LP8551 is designed for LCD backlighting for portable devices, such as laptops and tablets. 4 LED current
sinks allow driving up to 40 LEDs with high efficiency. Boost converter optimizes the system efficiency by
adjusting the LED current driver headroom to optimal level in each case. Due to a flexible input voltage
configuration, the LP8551 can be used also in various applications since the input voltage supports 1x to 5x
series Li-Ion cells. Main limiting factor for output power is inductor current limit, which is calculated in the Detailed
Design Procedure. The following design procedure can be used to select component values for the LP8551.
9.2 Typical Applications
9.2.1 Application Using Internal LDO
Figure 22. LP8551 with Internal LDO
9.2.1.1 Design Requirements
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage range
5.5 V to 22 V
Brightness Control
PWM input duty cycle (default), I2C can be used as well
PWM output frequency
With RFSET resistor 85 kΩ to 100 kΩ; 9.8 kHz with PSPWM enabled
LED Current
With RISET resistor 15 kΩ; 25 mA / channel
Brightness slopes
200-ms linear slope + advanced slope
External set resistors
Enabled
Inductor
10 µH to 33 µH, with 2.5-A saturation current
Boost SW frequency
625 kHz
SW current limit
2.5 A
34
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: LP8551



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com