Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST49LF016C Datasheet(PDF) 23 Page - Microchip Technology

Part # SST49LF016C
Description  16 Mbit LPC Serial Flash
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST49LF016C Datasheet(HTML) 23 Page - Microchip Technology

Back Button SST49LF016C Datasheet HTML 19Page - Microchip Technology SST49LF016C Datasheet HTML 20Page - Microchip Technology SST49LF016C Datasheet HTML 21Page - Microchip Technology SST49LF016C Datasheet HTML 22Page - Microchip Technology SST49LF016C Datasheet HTML 23Page - Microchip Technology SST49LF016C Datasheet HTML 24Page - Microchip Technology SST49LF016C Datasheet HTML 25Page - Microchip Technology SST49LF016C Datasheet HTML 26Page - Microchip Technology SST49LF016C Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
©2016
DS20005029B
02/16
23
16 Mbit LPC Serial Flash
SST49LF016C
EOL Data Sheet
Table 14: Block Locking Registers
Register
Block Size
SST49LF016C Protected Memory
Address1 Range
Memory Map Register Address1
T_BLOCK_LK
16K
1FFFFFH-1FC000H
FFBFC002H
T_MINUS01_LK
8K
1FBFFFH-1FA000H
FFBFA002H
T_MINUS02_LK
8K
1F9FFFH-1F8000H
FFBF8002H
T_MINUS03_LK
32K
1F7FFFH-1F0000H
FFBF0002H
T_MINUS04_LK
64K
1EFFFFH-1E0000H
FFBE0002H
T_MINUS05_LK
64K
1DFFFFH-1D0000H
FFBD0002H
T_MINUS06_LK
64K
1CFFFFH-1C0000H
FFBC0002H
T_MINUS07_LK
64K
1BFFFFH-1B0000H
FFBB0002H
T_MINUS08_LK
64K
1AFFFFH-1A0000H
FFBA0002H
T_MINUS09_LK
64K
19FFFFH-190000H
FFB90002H
T_MINUS10_LK
64K
18FFFFH-180000H
FFB80002H
T_MINUS11_LK
64K
17FFFFH-170000H
FFB70002H
T_MINUS12_LK
64K
16FFFFH-160000H
FFB60002H
T_MINUS13_LK
64K
15FFFFH-150000H
FFB50002H
T_MINUS14_LK
64K
14FFFFH-140000H
FFB40002H
T_MINUS15_LK
64K
13FFFFH-130000H
FFB30002H
T_MINUS16_LK
64K
12FFFFH-120000H
FFB20002H
T_MINUS17_LK
64K
11FFFFH-110000H
FFB10002H
T_MINUS18_LK
64K
10FFFFH-100000H
FFB00002H
T_MINUS19_LK
64K
0FFFFFH-0F0000H
FFAF0002H
T_MINUS20_LK
64K
0EFFFFH-0E0000H
FFAE0002H
T_MINUS21_LK
64K
0DFFFFH-0D0000H
FFAD0002H
T_MINUS22_LK
64K
0CFFFFH-0C0000H
FFAC0002H
T_MINUS23_LK
64K
0BFFFFH-0B0000H
FFAB0002H
T_MINUS24_LK
64K
0AFFFFH-0A0000H
FFAA0002H
T_MINUS25_LK
64K
09FFFFH-090000H
FFA90002H
T_MINUS26_LK
64K
08FFFFH-080000H
FFA80002H
T_MINUS27_LK
64K
07FFFFH-070000H
FFA70002H
T_MINUS28_LK
64K
06FFFFH-060000H
FFA60002H
T_MINUS29_LK
64K
05FFFFH-050000H
FFA50002H
T_MINUS30_LK
64K
04FFFFH-040000H
FFA40002H
T_MINUS31_LK
64K
03FFFFH-030000H
FFA30002H
T_MINUS32_LK
64K
02FFFFH-020000H
FFA20002H
T_MINUS33_LK
64K
01FFFFH-010000H
FFA10002H
T_MINUS34_LK
64K
00FFFFH-000000H
FFA00002H
T14.0 20005029
1. Address shown in this column is for boot device only. Address locations should appear elsewhere in the 4 GByte sys-
tem memory map depending on ID strapping values on ID[3:0] pins when multiple LPC memory devices are used in a
system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com