| Electronic Components Datasheet Search |
|
SST49LF016C Datasheet(PDF) 25 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SST49LF016C Datasheet(HTML) 25 Page - Microchip Technology |
|
25 / 43 page ![]() ©2016 DS20005029B 02/16 25 16 Mbit LPC Serial Flash SST49LF016C EOL Data Sheet Security ID Registers The SST49LF016C device offers a 256-bit Security ID register space. The Security ID space is divided into two segments - one (64-bits) factory programmed segment and one (192 bits) user programmed segment. The first segment is programmed and locked at SST with a unique 64-bit number. The user segment (192 bits) is left blank (FFH) for the customer to be programmed as desired. Refer to Table 8, “Software Command Sequence” for more details. The Security ID Information and its Write Lock/Unlock status can be Read in the Register Access Space for Execute-In-Place type of applications. (See Table 16.) The Write Lock-out status of the Security ID space can be read from the SEC_ID_WRITE_LOCK reg- ister (see Table 16). The SEC_ID_WRITE_LOCK register is a read-only register that is accessible at the address location specified in Table 16. In case of multi-byte register reads with Firmware Memory cycle, for SEC_ID_WRITE_LOCK register, the device will return register data for the addressed register until the command finishes, or is aborted. In the case of multi-byte register reads with Firmware Memory cycle, for all the SEC_ID_BYTE regis- ters, the device will return page-aligned sequential register data with wrap-around until the command finishes, or is aborted. Table 16: Security ID Registers Register Register Address1 1. Address shown in this column is for boot device only. Address locations should appear elsewhere in the 4 GByte sys- tem memory map depending on ID strapping values on ID[3:0] pins when multiple LPC memory devices are used in a system. Value Access Description SEC_ID__WRITE_LOCK FFBC0102H 0000 0000b 0000 0001b R Write Unlocked Write Locked SEC_ID_BYTE_0 FFBC0180H R Factory Programmed SEC_ID_BYTE_1 FFBC0181H R Factory Programmed SEC_ID_BYTE_2 FFBC0182H R Factory Programmed SEC_ID_BYTE_3 FFBC0183H R Factory Programmed … … … … SEC_ID_BYTE_7 FFBC0187H R Factory Programmed SEC_ID_BYTE_8 FFBC0188H R User Programmed SEC_ID_BYTE_9 FFBC0189H R User Programmed … … … … SEC_ID_BYTE_30 FFBC019EH R User Programmed SEC_ID_BYTE_31 FFBC019FH R User Programmed T16.0 20005029 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |