Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST49LF016C Datasheet(PDF) 38 Page - Microchip Technology

Part # SST49LF016C
Description  16 Mbit LPC Serial Flash
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST49LF016C Datasheet(HTML) 38 Page - Microchip Technology

Back Button SST49LF016C Datasheet HTML 34Page - Microchip Technology SST49LF016C Datasheet HTML 35Page - Microchip Technology SST49LF016C Datasheet HTML 36Page - Microchip Technology SST49LF016C Datasheet HTML 37Page - Microchip Technology SST49LF016C Datasheet HTML 38Page - Microchip Technology SST49LF016C Datasheet HTML 39Page - Microchip Technology SST49LF016C Datasheet HTML 40Page - Microchip Technology SST49LF016C Datasheet HTML 41Page - Microchip Technology SST49LF016C Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 43 page
background image
©2016
DS20005029B
02/16
38
16 Mbit LPC Serial Flash
SST49LF016C
EOL Data Sheet
Product Ordering Information
Valid combinations for SST49LF016C
SST49LF016C-33-4C-NHE
SST49LF016C-33-4C-WHE
SST49LF016C-33-4C-EIE
SST49LF016C-66-4C-NHE
SST49LF016C-66-4C-WHE
Note:Valid combinations are those products in mass production or will be in mass production. Consult your SST
sales representative to confirm availability of valid combinations and to determine availability of new combi-
nations.
SST
49
LF
016
-33
-
4C
-NHE
XX
XX
XXX
-XX
-XX
-
XXX
Environmental Attribute
E1 = non-Pb
Package Modifier
H = 32 leads
I = 40 leads
Package Type
N = PLCC
W = TSOP (type 1, die up, 8mm x 14mm)
E = TSOP (type 1, die up, 10mm x 20mm)
Temperature Range
C = Commercial = 0°C to +85°C
Minimum Endurance
4 = 10,000 cycles
Operating Frequency
33 = 33 MHz
66 = 66 MHz
Device Density
016 = 16 Mbit
Voltage
L = 3.0-3.6V
Product Series
49 = LPC Flash Memories
1. Environmental suffix “E” denotes non-Pb solder.
SST non-Pb solder devices are “RoHS Compli-
ant”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com