Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST49LF016C Datasheet(PDF) 19 Page - Microchip Technology

Part # SST49LF016C
Description  16 Mbit LPC Serial Flash
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST49LF016C Datasheet(HTML) 19 Page - Microchip Technology

Back Button SST49LF016C Datasheet HTML 15Page - Microchip Technology SST49LF016C Datasheet HTML 16Page - Microchip Technology SST49LF016C Datasheet HTML 17Page - Microchip Technology SST49LF016C Datasheet HTML 18Page - Microchip Technology SST49LF016C Datasheet HTML 19Page - Microchip Technology SST49LF016C Datasheet HTML 20Page - Microchip Technology SST49LF016C Datasheet HTML 21Page - Microchip Technology SST49LF016C Datasheet HTML 22Page - Microchip Technology SST49LF016C Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
©2016
DS20005029B
02/16
19
16 Mbit LPC Serial Flash
SST49LF016C
EOL Data Sheet
Erase-Suspend/Erase-Resume Commands
The Erase Suspend command allows Sector-Erase or Block-Erase interruption in order to read or pro-
gram data in another block of memory. Once the Erase-Suspend command is executed, the device will
suspend any on-going Erase operation within time TES (10 µs). The device outputs status register data
when read after the Erase-Suspend command is written. The system is able to determine when the
Erase operation has been completed (WSMS=1) by polling the status register. After an Erase-Sus-
pend, the device will set the status register ESS bit (ESS=1) if the Erase has been successfully sus-
pended (refer to Table 10, “Software Status Register”). The Erase-Resume command resumes the
Erase operation that had been previously suspended.
After a successful Erase-Suspend, a Read-Array command may be written to read data from a Sector/
Block other than the suspended Sector/Block. A Program command sequence may also be issued
during Erase Suspend to program data in memory locations other than the Sector/Block currently in
the Erase-Suspend mode. If a Read-Array command is written to an address within the suspended
Sector/Block this may result in reading invalid data. If a Program command is written to an address
within the suspended Sector/Block the command is acknowledged but rejected. Other valid commands
while erase is suspended include Read-Status-Register, Read-Device-ID, and Erase-Resume.
The Erase-Resume command resumes the Erase process in the suspended sector or block. After the
Erase-Resume command is written, the device will continue the Erase process. Erase cannot resume
until any Program operation initiated during Erase-Suspend has completed. Suspended operations
cannot be nested: the system needs to complete or resume any previously suspended operation
before a new operation can be suspended. See Figure 8 for flowchart.
Program-Suspend/Program-Resume Command
The Program-Suspend and Program-Resume commands have no influence on the device. Since the
device requires a maximum of TBP (10 µs) in order to program a byte (see Table 28), when a Program-
Suspend command is written, the suspended Byte Program operation will always be successfully com-
pleted within the suspend latency time (TES = TBP = 10 µs).
Security ID Commands
The SST49LF016C device offers a 256-bit Security ID space. The Security ID space is divided into two
parts. One 64-bit segment is programmed at SST with a unique 64-bit number: this number cannot be
changed by the user. The other segment is 192-bit wide and is left blank: this space is available for
customers and can be programmed as desired.
The User-Security-ID-Program command is shown in Table 8, “Software Command Sequence”. Use
the memory addresses specified in Table 11 for Security ID programming. Once the customer segment
is programmed, it can be locked to prevent any alteration. The User-Security-ID-Program-Lockout
command is shown in Table 8, “Software Command Sequence”.
In order to read the Security ID information, the user can issue a Read Security ID Command (90H) to
the device. At this point the device enters the Read-Software-ID/Read-Security-ID mode. The Security
ID information can be read at the memory addresses in Table 11.
A Read-Array/Reset command (FFH) must then be issued to the device in order to exit the Read-Soft-
ware-ID/Read-Security-ID mode and return to Read-Array mode.
An alternate method to read the Security ID information is to read the Security ID registers located into
the register space as described in the “Security ID Registers” section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com