Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST49LF016C Datasheet(PDF) 35 Page - Microchip Technology

Part # SST49LF016C
Description  16 Mbit LPC Serial Flash
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST49LF016C Datasheet(HTML) 35 Page - Microchip Technology

Back Button SST49LF016C Datasheet HTML 31Page - Microchip Technology SST49LF016C Datasheet HTML 32Page - Microchip Technology SST49LF016C Datasheet HTML 33Page - Microchip Technology SST49LF016C Datasheet HTML 34Page - Microchip Technology SST49LF016C Datasheet HTML 35Page - Microchip Technology SST49LF016C Datasheet HTML 36Page - Microchip Technology SST49LF016C Datasheet HTML 37Page - Microchip Technology SST49LF016C Datasheet HTML 38Page - Microchip Technology SST49LF016C Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
©2016
DS20005029B
02/16
35
16 Mbit LPC Serial Flash
SST49LF016C
EOL Data Sheet
Figure 12:Output Timing parameters (LPC Mode)
Figure 13:Input Timing Parameters (LPC Mode)
Table 30: Interface Measurement Condition Parameters (LPC Mode)
Symbol
Value
Units
VTH1
1. The input test environment is done with 0.1 VDD of overdrive over VIH and VIL. Timing parameters must be met with no
more overdrive than this. VMAX specifies the maximum peak-to-peak waveform allowed for measuring input timing. Pro-
duction testing may use different voltage values, but must correlate results back to these parameters.
0.6 VDD
V
VTL1
0.2 VDD
V
VTEST
0.4 VDD
V
VMAX1
0.4 VDD
V
Input Signal Edge Rate
1
V/ns
T30.0 20005029
TVAL
TOFF
TON
1237 F11.0
LCLK
LAD [3:0]
(Valid Output Data)
LAD [3:0]
(Float Output Data)
VTEST
VTL
VTH
TSU
TDH
Inputs
Valid
1237 F12.0
LCLK
LAD [3:0]
(Valid Input Data)
VTEST
VTL
VMAX
VTH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com