Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST49LF016C Datasheet(PDF) 24 Page - Microchip Technology

Part # SST49LF016C
Description  16 Mbit LPC Serial Flash
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST49LF016C Datasheet(HTML) 24 Page - Microchip Technology

Back Button SST49LF016C Datasheet HTML 20Page - Microchip Technology SST49LF016C Datasheet HTML 21Page - Microchip Technology SST49LF016C Datasheet HTML 22Page - Microchip Technology SST49LF016C Datasheet HTML 23Page - Microchip Technology SST49LF016C Datasheet HTML 24Page - Microchip Technology SST49LF016C Datasheet HTML 25Page - Microchip Technology SST49LF016C Datasheet HTML 26Page - Microchip Technology SST49LF016C Datasheet HTML 27Page - Microchip Technology SST49LF016C Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
©2016
DS20005029B
02/16
24
16 Mbit LPC Serial Flash
SST49LF016C
EOL Data Sheet
Write-Lock Bit
The Write-Lock bit, bit 0, controls the lock state described in Table 15. The default Write status of all
blocks after power up is write locked. When bit 0 of the Block Locking register is set, Program and
Erase operations for the corresponding block are prevented. Clearing the Write-Lock bit will unprotect
the block. The Write-Lock bit must be cleared prior to starting a Program or Erase operation since it is
sampled at the beginning of the operation. The Write-Lock bit functions in conjunction with the hard-
ware Write Lock pin TBL# for the top Boot Block. When TBL# is low, it overrides the software locking
scheme. The top Boot Block Locking register does not indicate the state of the TBL# pin. The Write-
Lock bit functions in conjunction with the hardware WP#/AAI pin for the remaining blocks (Blocks 0 to
33 for 49LF016C). When WP#/AAI is low, it overrides the software locking scheme. The Block Locking
register does not indicate the state of the WP#/AAI pin.
Lock-Down Bit
The Lock-Down bit, bit 1, controls the Block Locking register as described in Table 15. When in LPC
interface mode, the default Lock Down status of all blocks upon power-up is not locked down. Once the
Lock-Down bit is set, any future attempted changes to that Block Locking register will be ignored. The
Lock-Down bit is only cleared upon a device reset with RST# or INIT# or power down. Current Lock
Down status of a particular block can be determined by reading the corresponding Lock-Down bit.
Once a block’s Lock-Down bit is set, the Read-Lock and Write-Lock bits for that block can no longer be
modified: the block is locked down in its current state of read/write accessibility.
Read-Lock Bit
The default read status of all blocks upon power-up is read-unlocked. When a block’s read lock bit is
set, data cannot be read from that block. An attempted read from a read-locked block will result in the
data 00h. The read lock status can be unlocked by clearing the read lock bit: this can only be done pro-
vided that the block is not locked down. The current read lock status of a particular block can be deter-
mined by reading the corresponding read-lock bit.
Table 15: Block Locking Register Bits
Reserved Bit
[7:3]
Read-Lock Bit
[2]
Lock-Down Bit
[1]
Write-Lock Bit
[0]
Lock Status
00000
0
0
0
Full Access
00000
0
0
1
Write Locked (Default State at Power-Up)
00000
0
1
0
Locked Open (Full Access Locked Down)
00000
0
1
1
Write Locked Down
00000
1
0
0
Block Read Locked (Registers alterable)
00000
1
0
1
Block Read & Write Lock (Registers alter-
able)
00000
1
1
0
Block Read Locked Down (Registers not
alterable)
00000
1
1
1
Block Read & Write lock Down (Registers
not alterable)
T15.0 20005029



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com