Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST49LF016C Datasheet(PDF) 26 Page - Microchip Technology

Part # SST49LF016C
Description  16 Mbit LPC Serial Flash
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST49LF016C Datasheet(HTML) 26 Page - Microchip Technology

Back Button SST49LF016C Datasheet HTML 22Page - Microchip Technology SST49LF016C Datasheet HTML 23Page - Microchip Technology SST49LF016C Datasheet HTML 24Page - Microchip Technology SST49LF016C Datasheet HTML 25Page - Microchip Technology SST49LF016C Datasheet HTML 26Page - Microchip Technology SST49LF016C Datasheet HTML 27Page - Microchip Technology SST49LF016C Datasheet HTML 28Page - Microchip Technology SST49LF016C Datasheet HTML 29Page - Microchip Technology SST49LF016C Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
©2016
DS20005029B
02/16
26
16 Mbit LPC Serial Flash
SST49LF016C
EOL Data Sheet
JEDEC ID Registers
The JEDEC ID registers for the boot device appear at FFBC0000H and FFBC0001H in the 4 GByte
system memory map, and will appear elsewhere if the device is not the boot device. This register is not
available to be read when the device is in Erase/Program operation. Unused register location will read
as 00H. See Table 17 for the JEDEC device ID code. In case of multi-byte register reads with Firmware
Memory cycle, the device will return register data for the addressed register until the command fin-
ishes, or is aborted.
Table 17: JEDEC ID Registers
Register
Register Address1
1. Address shown in this column is for boot device only. Address locations should appear elsewhere in the 4 GByte system
memory map depending on ID strapping values on ID[3:0] pins when multiple LPC memory devices are used in a sys-
tem.
Default
Value
Access
MANUF_REG
FFBC 0000H
BFH
R
DEV_REG
FFBC 0001H
5CH
R
T17.0 20005029



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com