Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST49LF016C Datasheet(PDF) 8 Page - Microchip Technology

Part # SST49LF016C
Description  16 Mbit LPC Serial Flash
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST49LF016C Datasheet(HTML) 8 Page - Microchip Technology

Back Button SST49LF016C Datasheet HTML 4Page - Microchip Technology SST49LF016C Datasheet HTML 5Page - Microchip Technology SST49LF016C Datasheet HTML 6Page - Microchip Technology SST49LF016C Datasheet HTML 7Page - Microchip Technology SST49LF016C Datasheet HTML 8Page - Microchip Technology SST49LF016C Datasheet HTML 9Page - Microchip Technology SST49LF016C Datasheet HTML 10Page - Microchip Technology SST49LF016C Datasheet HTML 11Page - Microchip Technology SST49LF016C Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
©2016
DS20005029B
02/16
8
16 Mbit LPC Serial Flash
SST49LF016C
EOL Data Sheet
Clock
The LCLK pin accepts a clock input from the host controller.
Input/Output Communications
The LAD[3:0] pins are used to serially communicate cycle information such as cycle type, cycle direc-
tion, ID selection, address, data, and sync fields.
Input Communication Frame
The LFRAME# pin is used to indicate start of a LPC bus cycle. The pin is also used to abort an LPC
bus cycle in progress.
Reset
A VIL on INIT# or RST# pin initiates a device reset. INIT# and RST# pins have the same function inter-
nally. It is required to drive INIT# or RST# pins low during a system reset to ensure proper CPU initial-
ization. During a Read operation, driving INIT# or RST# pins low deselects the device and places the
output drivers, LAD[3:0], in a high impedance state. The reset signal must be held low for a minimum
of time TRSTP. A reset latency occurs if a reset procedure is performed during a Program or Erase oper-
ation. See Table 27, Reset Timing Parameters, for more information. A device reset during an active
Program or Erase operation will abort the operation and memory contents may become invalid due to
data being altered or corrupted from an incomplete Erase or Program operation.
Identification Inputs
These pins are part of a mechanism that allows multiple devices to be attached to the same bus. The
strapping of these pins is used to identify the component. The boot device must have ID[3:0] = 0; all
subsequent devices should use sequential count-up strapping. These pins are internally pulled-down
with a resistor between 20-100 K.
General Purpose Inputs
The General Purpose Inputs (GPI[4:0]) can be used as digital inputs for the CPU to read. The GPI reg-
ister holds the values on these pins. The data on the GPI pins must be stable before the start of a GPI
register Read and remain stable until the Read cycle is complete. The pins must be driven low, VIL, or
high, VIH but not left unconnected (float).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com