Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM814X Datasheet(PDF) 177 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 177 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 173Page - Texas Instruments TMS320DM814X Datasheet HTML 174Page - Texas Instruments TMS320DM814X Datasheet HTML 175Page - Texas Instruments TMS320DM814X Datasheet HTML 176Page - Texas Instruments TMS320DM814X Datasheet HTML 177Page - Texas Instruments TMS320DM814X Datasheet HTML 178Page - Texas Instruments TMS320DM814X Datasheet HTML 179Page - Texas Instruments TMS320DM814X Datasheet HTML 180Page - Texas Instruments TMS320DM814X Datasheet HTML 181Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 377 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
6.2
Recommended Operating Conditions
PARAMETER
MIN
NOM
MAX
UNIT
Supply voltage, Core (Scalable)
166% OPP
1.28
1.35
1.42
DVFS only, No AVS
120% OPP
1.14
1.20
1.26
CVDD
100% OPP
1.05
1.10
1.16
V
Supply voltage, Core ARM
166% OPP
1.28
1.35
1.42
(Scalable)
120% OPP
1.14
1.20
1.26
DVFS only, No AVS
CVDD_ARM
100% OPP
1.05
1.10
1.16
V
Supply voltage, Core, DSP
166% OPP
1.28
1.35
1.42
(Scalable)
120% OPP
1.14
1.20
1.26
DVFS only, No AVS
CVDD_DSP
100% OPP
1.05
1.10
1.16
V
Supply voltage, Core, HDVICP2
166% OPP
1.28
1.35
1.42
(Scalable)
120% OPP
1.14
1.20
1.26
DVFS only, No AVS
CVDD_HDVICP
100% OPP
1.05
1.10
1.16
V
Supply voltage, I/O, standard
3.3 V
3.14
3.3
3.47
DVDD
V
pins(1)
1.8 V
1.71
1.8
1.89
Supply voltage, I/O, GPMC pin
3.3 V
3.14
3.3
3.47
DVDD_GPMC
V
group
1.8 V
1.71
1.8
1.89
Supply voltage, I/O, GPMCB pin
3.3 V
3.14
3.3
3.47
DVDD_GPMCB
V
group
1.8 V
1.71
1.8
1.89
Supply voltage, I/O, SD pin group
3.3 V
3.14
3.3
3.47
DVDD_SD
V
1.8 V
1.71
1.8
1.89
Supply voltage, I/O, C pin group
3.3 V
3.14
3.3
3.47
DVDD_C
V
1.8 V
1.71
1.8
1.89
DVDD_M
Supply voltage, I/O, M pin group
1.8 V
1.71
1.8
1.89
V
Supply voltage, I/O, DDR[0] and
DDR2
1.71
1.8
1.89
DVDD_DDR[0]
V
DDR[1]
DVDD_DDR[1]
DDR3 mode
1.43
1.5
1.58
VDDA_USB_3P
Supply voltage, I/O, Analog, USB 3.3 V
3.14
3.3
3.47
V
3
Supply Voltage, I/O, Analog, (VDDA_1P8,
VDDA_ARMPLL_1P8, VDDA_DSPPLL_1P8,
VDDA_VID0PLL_1P8, VDDA_VID1PLL_1P8,
VDDA_AUDIOPLL_1P8, VDDA_DDRPLL_1P8,
VDDA_1P8
VDDA_L3PLL_1P8, VDDA_PCIE_1P8, VDDA_SATA_1P8,
1.71
1.8
1.89
V
VDDA_x_1P8
VDDA_HDMI_1P8, VDDA_USB0_1P8, VDDA_USB1_1P8,
VDDA_VDAC_1P8)
Note: HDMI, USB0/1, and VDAC relative to their respective
VSSA.
Supply Ground (VSS, VSSA_HDMI, VSSA_USB,
VSS
0
V
VSSA_VDAC, VSSA_DEVOSC(2), VSSA_AUXOSC (2))
IO Reference Voltage, (VREFSSTL_DDR[0],
0.49 *
0.50 *
0.51 *
VREFSSTL_DDR[x]
VREFSSTL_DDR[1])
DVDD_DDR[
V
DVDD_DDR[x]
DVDD_DDR[x]
x]
USBx_VBUSIN
USBx VBUS Comparator Input
4.75
5
5.25
V
High-level input voltage, LVCMOS (JTAG[TCK] pins), 3.3
2
V
V(1)
High-level input voltage, JTAG[TCK], 3.3 V
2.15
V
VIH
High-level input voltage, JTAG[TCK], 1.8 V
1.45
V
High-level input voltage, I2C (I2C[0] and I2C[1])
0.7DVDD
V
High-level input voltage, LVCMOS(1), 1.8 V
0.65DVDDx
V
(1)
LVCMOS pins are all I/O pins powered by DVDD, DVDD_GPMC, DVDD_GPMCB, DVDD_SD, DVDD_C supplies except for I2C[0] and
I2C[1] pins.
(2)
When using the internal Oscillators, the oscillator grounds (VSSA_DEVOSC, VSSA_AUXOSC) must be kept separate from other
grounds and connected directly to the crystal load capacitor ground.
Copyright © 2011–2013, Texas Instruments Incorporated
Device Operating Conditions
177
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com