Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM814X Datasheet(PDF) 178 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 178 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 174Page - Texas Instruments TMS320DM814X Datasheet HTML 175Page - Texas Instruments TMS320DM814X Datasheet HTML 176Page - Texas Instruments TMS320DM814X Datasheet HTML 177Page - Texas Instruments TMS320DM814X Datasheet HTML 178Page - Texas Instruments TMS320DM814X Datasheet HTML 179Page - Texas Instruments TMS320DM814X Datasheet HTML 180Page - Texas Instruments TMS320DM814X Datasheet HTML 181Page - Texas Instruments TMS320DM814X Datasheet HTML 182Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 377 page
background image
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
Recommended Operating Conditions (continued)
PARAMETER
MIN
NOM
MAX
UNIT
Low-level input voltage, LVCMOS(1), 3.3 V
0.8
V
Low-level input voltage, JTAG[TCK]
0.45
V
VIL
Low-level input voltage, I2C (I2C[0] and I2C[1])
0.3DVDDx
V
Low-level input voltage, LVCMOS(1), 1.8 V
0.35DVDDx
V
High-level output current
6 mA I/O buffers
-6
mA
DDR[0], DDR[1] buffers
IOH
@ 50-
Ω impedance
-8
mA
setting
Low-level output current
6 mA I/O buffers
6
mA
DDR[0], DDR[1] buffers
IOL
@ 50-
Ω impedance
8
mA
setting
VID
Differential input voltage (SERDES_CLKN/P), [AC coupled]
0.250
2.0
V
Transition time, 10% - 90%, All inputs (unless otherwise
tt
specified in the Electrical Data/Timing sections of each
0.25P or 10(3)
ns
peripheral)
Commercial
0
90
°C
Temperature (default)
Operating junction temperature
TJ
range(4)
Industrial
-40
90
°C
Extended
-40
105
°C
(3)
Whichever is smaller. P = the period of the applied signal. Maintaining transition times as fast as possible is recommended to improve
noise immunity on input signals.
(4)
For more detailed information on estimating junction temps within systems, see the IC Package Thermal Metrics Application Report
(Literature Number: SPRA953).
6.3
Power-On Hours (POH)
The POH information in Table 6-1 is provided solely for convenience and does not extend or modify the warranty
provided under TI’s standard terms and conditions for TI Semiconductor Products. To avoid significant device
degradation, the device POH must be limited to those shown in Table 6-1.
Table 6-1. Power-On Hour Limits
Junction
Operating Condition
Nominal CVDD Voltage (V)
Lifetime POH(1)
Temperature (Tj)
100% OPP
1.1
-40 to 105 °C
100K
120% OPP
1.2
-40 to 105 °C
100K
166% OPP
1.35
-40 to 105 °C
49K
(1)
POH represent device operation under the specified nominal conditions continuously for the duration of the calculated lifetime.
Logic functions and parameter values are not ensured out of the range specified in Section 6.2,
Recommended Operating Conditions.
The above notations cannot be deemed a warranty or deemed to extend or modify the warranty under TI’s
standard terms and conditions for semiconductor products.
178
Device Operating Conditions
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com