Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM814X Datasheet(PDF) 183 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 183 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 179Page - Texas Instruments TMS320DM814X Datasheet HTML 180Page - Texas Instruments TMS320DM814X Datasheet HTML 181Page - Texas Instruments TMS320DM814X Datasheet HTML 182Page - Texas Instruments TMS320DM814X Datasheet HTML 183Page - Texas Instruments TMS320DM814X Datasheet HTML 184Page - Texas Instruments TMS320DM814X Datasheet HTML 185Page - Texas Instruments TMS320DM814X Datasheet HTML 186Page - Texas Instruments TMS320DM814X Datasheet HTML 187Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 377 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
7.2.2.1
Dynamic Voltage Frequency Scaling (DVFS)
Each device Core Logic Voltage Domain can be run independently at one of several Operating
Performance Points (OPPs). An OPP for a specific Core Logic Voltage Domain is defined by: (1)
maximum frequencies of operation for Modules within the Domain and (2) an associated supply voltage
range. Trading off power versus performance, OPPs with lower maximum frequencies also have lower
voltage ranges for power savings.
The OPP for a domain can be changed in real-time without requiring a reset. This feature is called
Dynamic Voltage Frequency Scaling (DVFS). Table 7-4 contains a list of voltage ranges and maximum
module frequencies for the OPPs of each Core Logic Voltage Domain.
Table 7-4. Device Operating Points (OPPs)
CORE LOGIC VOLTAGE DOMAINS
ARM
DSP
HDVICP
CORE
L3/L4,
Cortex A8
DSP
HDVICP2
HDVPSS
SGX
ISS
Media Ctlr.
DDR
OPP
Core
(MHz)
(MHz)
(MHz)
(MHz)
(MHz)
(MHz)
(MHz)
(MHz)(1)
(MHz)
100%
600
500
266
200
200
400
200
200
400
(1.1 V)
120%
720
600
306
200
250
400
200
220
400
(1.2 V)
166%
700
(CYE1)
1000
410
220
280
480
240
220
533
750(2)
(1.35 V)
166%
(CYE2)
1000
750
450
220
280
560
280
220
533
(1.35 V)
(1)
All DDR access must be suspended prior to changing the DDR frequency of operation.
(2)
Only DM814x SR3.0 devices support a DSP Frequency of 750-MHz. For more details on device silicon revisions, see Figure 9-1, Device
Nomenclature.
Although the OPP for each Core Logic Voltage Domain is independently selectable, not all combinations
of OPPs are supported. Table 7-5 marks the supported ARM, DSP, and HDVICP2 OPPs for a given
CORE OPP.
Table 7-5. Supported OPP Combinations(1)(2)
ARM
DSP
HDVICP2
CORE
OPP166
OPP120
OPP100
OPP166
OPP120
OPP100
OPP166
OPP120
OPP100
OPP166
X
X
X
OPP120
X
X
X
X
X
X
OPP100
X
X
X
X
X
X
(1)
"X" denotes supported combinations.
(2)
The maximum voltage differences between CVDD and any other CVDD_x voltage domain must be < 150 mV.
7.2.2.2
Adaptive Voltage Scaling [Not Supported]
As mentioned in Section 7.2.2.1, Dynamic Voltage Frequency Scaling (DVFS) above, every OPP has an
associated voltage range. Based on the silicon process, temperature, and chosen OPP, the SmartReflex
modules guide software in adjusting the Core Logic Voltage Domain supply voltages within these ranges.
This technique is called Adaptive Voltage Scaling (AVS). AVS occurs continuously and in real-time,
helping to minimize power consumption in response to changing operating conditions.
7.2.3
Memory Power Management
To reduce SRAM leakage, many SRAM blocks can be switched from ACTIVE mode to SHUTDOWN
mode. When SRAM is put in SHUTDOWN mode, the voltage supplied to it is automatically removed and
all data in that SRAM is lost.
Copyright © 2011–2013, Texas Instruments Incorporated
Power, Reset, Clocking, and Interrupts
183
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com