Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM814X Datasheet(PDF) 187 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 187 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 183Page - Texas Instruments TMS320DM814X Datasheet HTML 184Page - Texas Instruments TMS320DM814X Datasheet HTML 185Page - Texas Instruments TMS320DM814X Datasheet HTML 186Page - Texas Instruments TMS320DM814X Datasheet HTML 187Page - Texas Instruments TMS320DM814X Datasheet HTML 188Page - Texas Instruments TMS320DM814X Datasheet HTML 189Page - Texas Instruments TMS320DM814X Datasheet HTML 190Page - Texas Instruments TMS320DM814X Datasheet HTML 191Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 377 page
background image
3.3 V Supplies
(DVDD, DVDD_x, DVDD_C, VDDA_x_3P3)
1.8 V Supplies
(DVDD, DVDD_x, DVDD_M, VDDA_x_1P8,
VDDA_1P8
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
Figure 7-2. Power-Down Sequence
Figure 7-3. 1.8 V Supplies Falling Before 3.3 V Supplies Delta
7.2.9
Power-Supply Decoupling
7.2.9.1
Analog and PLL
PLL and Analog supplies benefit from filters or ferrite beads to keep the noise from causing problems. The
minimum recommendation is a ferrite bead along with at least one capacitor on the device side of the
bead. An additional recommendation is to add one capacitor just before the bead to form a Pi filter. The
filter needs to be as close as possible to the device pin, with the device side capacitor being the most
important component to be close to the device pin. PLL pins close together can be combined on the same
supply, but analog pins should all have their own filters. PLL pins farther away from each other may need
their own filtered supply.
7.2.9.2
Digital
Recommended capacitors for power supply decoupling are all 0.1uF in the smallest body size that can be
used. Capacitors are more effective in the smallest physical size to limit lead inductance. For example,
0201 sized capacitors are better than 0402 sized capacitors, and so on. TI recommends using capacitors
no larger than 0402. Place at least one capacitor for every two power pins. For those power pins that have
only one pin, a capacitor is still required. Place one bulk (10 uF or larger) capacitor for every 10 or so
power pins as closely as possible to the chip. These larger caps do not need to be under the chip
footprint.
Copyright © 2011–2013, Texas Instruments Incorporated
Power, Reset, Clocking, and Interrupts
187
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com