Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM814X Datasheet(PDF) 191 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 191 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 187Page - Texas Instruments TMS320DM814X Datasheet HTML 188Page - Texas Instruments TMS320DM814X Datasheet HTML 189Page - Texas Instruments TMS320DM814X Datasheet HTML 190Page - Texas Instruments TMS320DM814X Datasheet HTML 191Page - Texas Instruments TMS320DM814X Datasheet HTML 192Page - Texas Instruments TMS320DM814X Datasheet HTML 193Page - Texas Instruments TMS320DM814X Datasheet HTML 194Page - Texas Instruments TMS320DM814X Datasheet HTML 195Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 377 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
Software initiates a Software Global Cold Reset by writing a "1" to the RST_GLOBAL_COLD_SW bit in
the PRM_RSTCTRL register in the PRCM.
For more detailed information on the PRM_RSTCTRL register, see the PRCM Registers section of the
Power, Reset, and Clock Management (PRCM) Module chapter of the TMS320DM814x DaVinci Digital
Media Processors Technical Reference Manual (Literature Number: SPRUGZ8).
7.3.7
Software Global Warm Reset
A Software Global Warm Reset is initiated under software control and has the same effect and
requirements as a External Warm Reset (RESET pin), with the following exceptions:
•
BTMODE[15:0] pins are not re-latched
•
RSTOUT_WD_OUT is not 3-stated and is actively driven based on the value previously latched on the
BTMODE[11] pin.
Software initiates a Software Global Warm Reset by writing a "1" to the RST_GLOBAL_WARM_SW bit in
the PRM_RSTCTRL register in the PRCM.
For more detailed information on the PRM_RSTCTRL register, see the PRCM Registers section of the
Power, Reset, and Clock Management (PRCM) Module chapter of the TMS320DM814x DaVinci Digital
Media Processors Technical Reference Manual (Literature Number: SPRUGZ8).
7.3.8
Test Reset (TRST pin)
A Test Reset is activated by the emulator asserting the TRST pin. The only effect a Test Reset has is to
reset the Test and Emulation Logic.
7.3.9
Local Reset
The Local Reset for various Modules within the device is controlled by programming the PRCM and/or the
Peripheral Module’s internal registers. Only the associated Module is reset when a Local Reset is
asserted, leaving the rest of the device unaffected.
For more details on Peripheral Local Resets, see the Reset Management section of the Power, Reset,
and Clock Management (PRCM) Module chapter of the TMS320DM814x DaVinci Digital Media
Processors Technical Reference Manual (Literature Number: SPRUGZ8).
7.3.10 Reset Priority
If any of the above reset sources occur simultaneously, the device only processes the highest-priority
reset request. The reset request priorities, from high-to-low, are as follows:
1. Power-on Reset (POR)
2. Test Reset (TRST)
3. External Warm Reset (RESET pin)
4. Emulation Warm Resets
5. Watchdog Reset
6. Software Global Cold/Warm Resets
7.3.11 Reset Status Register
The Reset Status Register (PRM_RSTST) contains information about the last reset that occurred in the
system. For more information on this register, see the Power, Reset, and Clock Management (PRCM)
Module chapter of the TMS320DM814x DaVinci Digital Media Processors Technical Reference Manual
(Literature Number: SPRUGZ8).
Copyright © 2011–2013, Texas Instruments Incorporated
Power, Reset, Clocking, and Interrupts
191
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com