Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM814X Datasheet(PDF) 195 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 195 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 191Page - Texas Instruments TMS320DM814X Datasheet HTML 192Page - Texas Instruments TMS320DM814X Datasheet HTML 193Page - Texas Instruments TMS320DM814X Datasheet HTML 194Page - Texas Instruments TMS320DM814X Datasheet HTML 195Page - Texas Instruments TMS320DM814X Datasheet HTML 196Page - Texas Instruments TMS320DM814X Datasheet HTML 197Page - Texas Instruments TMS320DM814X Datasheet HTML 198Page - Texas Instruments TMS320DM814X Datasheet HTML 199Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 377 page
background image
RESET STATE
DEV_CLKIN/
AUX_CLKIN
(A)
POR
RESET
BTMODE[15:0]
Other I/O Pins
(C)
Power
Supplies
Ramping
Power Supplies Stable
Clock Source Stable
2
3
5
Config
5
Hi-Z
7
RSTOUT_WD_OUT
9
BTMODE[11]
(B)
1
Hi-Z
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
Table 7-10. Switching Characteristics Over Recommended Operating Conditions During Reset
(see Figure 7-5) (continued)
OPP100
NO.
PARAMETER
UNIT
MIN
MAX
td(PORH-
Delay time, POR high to RSTOUT_WD_OUT driven based on latched BTMODE[11]
9
0
2P
ns
RSTOUTL)
value(1)(2)
td(RSTH-
Delay time, RESET high to RSTOUT_WD_OUT driven based on latched BTMODE[11]
10
0
2P
ns
RSTOUTD)
value(1)(2)
Figure 7-4 shows the Power-Up Timing. Figure 7-5 shows the Warm Reset (RESET) Timing. Max Reset
Timing is identical to Warm Reset Timing, except the BTMODE[15:0] pins are not re-latched.
A.
Power supplies and DEV_CLKIN/AUX_CLKIN must be stable before the start of tw(RESET).
B.
RSTOUT_WD_OUT only asserted if BTMODE[11] was latched as a "0" when coming out of reset.
C.
For more detailed information on the RESET STATE of each pin, see Section 7.3.17, Pin Behaviors at Reset. Also
see Section 3.2, Terminal Functions for the IPU/IPD settings during reset.
Figure 7-4. Power-Up Timing
Copyright © 2011–2013, Texas Instruments Incorporated
Power, Reset, Clocking, and Interrupts
195
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com