Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM814X Datasheet(PDF) 199 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 199 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 195Page - Texas Instruments TMS320DM814X Datasheet HTML 196Page - Texas Instruments TMS320DM814X Datasheet HTML 197Page - Texas Instruments TMS320DM814X Datasheet HTML 198Page - Texas Instruments TMS320DM814X Datasheet HTML 199Page - Texas Instruments TMS320DM814X Datasheet HTML 200Page - Texas Instruments TMS320DM814X Datasheet HTML 201Page - Texas Instruments TMS320DM814X Datasheet HTML 202Page - Texas Instruments TMS320DM814X Datasheet HTML 203Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 377 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
7.4.1
Device (DEV) and Auxiliary (AUX) Clock Inputs
The
device
provides
two
clock
inputs,
Device
(DEVOSC_MXI/DEV_CLKIN)
and
Auxiliary
(AUXOSC_MXI/AUX_CLKIN). The Device (DEV) clock is used to generate the majority of the internal
reference clocks, while the Auxiliary (AUX) clock can optionally be used as a source for the Audio and/or
Video PLLs.
The DEV and AUX clocks can be sourced in two ways:
1. Using an external crystal in conjunction with the internal oscillator or
2. Using an external 1.8-V LVCMOS-compatible clock input
Note: The external crystals used with the internal oscillators must operate in fundamental parallel
resonant mode only. There is no overtone support.
The DEV Clock should in most cases be 20 MHz. However, it can optionally range anywhere from 20 - 30
MHz if the following are true:
•
The DEV Clock is not used to source the SATA reference clock
•
A precise 32768-Hz clock is not needed for Real-Time Clock functionality
•
If the boot mode is FAST XIP
The AUX Clock is optional and can range from 20-30 MHz. AUX Clock can be used to source the Audio
and/or Video PLLs when a very precise audio or video frequency is required.
7.4.1.1
Using the Internal Oscillators
When the internal oscillators are used to generate the DEV and AUX clocks, external crystals are required
to be connected across the DEVOSC or AUXOSC oscillator MXI and MXO pins, along with two load
capacitors (see Figure 7-7 and Figure 7-8). The external crystal load capacitors should also be connected
to the associated oscillator ground pin (VSSA_DEVOSC or VSSA_AUXOSC). The capacitors should not
be connected to board ground (VSS).
Figure 7-7. Device Oscillator
Copyright © 2011–2013, Texas Instruments Incorporated
Power, Reset, Clocking, and Interrupts
199
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com