Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM814X Datasheet(PDF) 201 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 201 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 197Page - Texas Instruments TMS320DM814X Datasheet HTML 198Page - Texas Instruments TMS320DM814X Datasheet HTML 199Page - Texas Instruments TMS320DM814X Datasheet HTML 200Page - Texas Instruments TMS320DM814X Datasheet HTML 201Page - Texas Instruments TMS320DM814X Datasheet HTML 202Page - Texas Instruments TMS320DM814X Datasheet HTML 203Page - Texas Instruments TMS320DM814X Datasheet HTML 204Page - Texas Instruments TMS320DM814X Datasheet HTML 205Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 377 page
background image
AUXOSC_MXI/
AUX_CLKIN
AUXOSC_MXO
NC
VSSA_AUXOSC
DEVOSC_MXI/
DEV_CLKIN
DEVOSC_MXO
NC
VSSA_DEVOSC
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
7.4.1.2
Using a 1.8V LVCMOS-Compatible Clock Input
A 1.8-V LVCMOS-Compatible Clock Input can be used instead of the internal oscillators as the DEV and
AUX clock inputs to the system. The external connections to support this are shown in Figure 7-9 and
Figure 7-10. The DEV_CLKIN and AUX_CLKIN pins are connected to the 1.8-V LVCMOS-Compatible
clock sources. The DEV_MXO and AUX_MXO pins are left unconnected. The VSSA_DEVOSC and
VSSA_AUXOSC pins are connected to board ground (VSS).
Figure 7-9. 1.8-V LVCMOS-Compatible Clock Input (DEV_OSC)
Figure 7-10. 1.8-V LVCMOS-Compatible Clock Input (AUX_OSC)
The clock source must meet the DEVOSC_MXI/DEV_CLKIN timing requirements shown in Table 7-15,
Timing Requirements for DEVOSC_MXI/DEV_CLKIN.
The clock source must meet the AUXOSC_MXI/AUX_CLKIN timing requirements shown in Table 7-16,
Timing Requirements for AUXOSC_MXI/AUX_CLKIN.
7.4.2
SERDES_CLKN/P Input Clock
A high-quality, low-jitter differential clock source is required for the PCIE PHY and is an optional clock
source for the SATA PHY. The clock is required to be AC coupled to the SERDES_CLKP and
SERDES_CLKN device pins according to the specifications in Table 7-13. Both the clock source and the
coupling capacitors should be placed physically as close to the processor as possible. In addition, make
sure to follow any PCB routing and termination recommendations that the clock source manufacturer
recommends.
Table 7-13. SERDES_CLKN/P AC Coupling Capacitors Recommendations
PARAMETER
MIN
TYP
MAX
UNIT
SERDES_CLKN/P AC coupling capacitor value
0.24
0.27
1.0
nF
Copyright © 2011–2013, Texas Instruments Incorporated
Power, Reset, Clocking, and Interrupts
201
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com