Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM814X Datasheet(PDF) 205 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 205 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 201Page - Texas Instruments TMS320DM814X Datasheet HTML 202Page - Texas Instruments TMS320DM814X Datasheet HTML 203Page - Texas Instruments TMS320DM814X Datasheet HTML 204Page - Texas Instruments TMS320DM814X Datasheet HTML 205Page - Texas Instruments TMS320DM814X Datasheet HTML 206Page - Texas Instruments TMS320DM814X Datasheet HTML 207Page - Texas Instruments TMS320DM814X Datasheet HTML 208Page - Texas Instruments TMS320DM814X Datasheet HTML 209Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 377 page
background image
AUXOSC_MXI/
AUX_CLKIN
2
3
4
4
5
1
1
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
Table 7-16. Timing Requirements for AUX_MXI/AUX_CLKIN (1) (2) (see Figure 7-13)
OPP100
NO.
UNIT
MIN
NOM
MAX
1
tc(AMXI)
Cycle time, AUXOSC_MXI/AUX_CLKIN
33.3
50
50
ns
2
tw(AMXIH)
Pulse duration, AUXOSC_MXI/AUX_CLKIN high
0.45C
0.55C
ns
3
tw(AMXIL)
Pulse duration, AUXOSC_MXI/AUX_CLKIN low
0.45C
0.55C
ns
4
tt(AMXI)
Transition time, AUXOSC_MXI/AUX_CLKIN
7
ns
5
tJ(AMXI)
Period jitter, AUXOSC_MXI/AUX_CLKIN
0.02C
ns
6
Sf
Frequency stability, AUXOSC_MXI/AUX_CLKIN(3)
± 50
ppm
(1)
The reference points for the rise and fall transitions are measured at VIL MAX and VIH MIN.
(2)
C = AUX_CLKIN cycle time in ns. For example, when AUXOSC_MXI/AUX_CLKIN frequency is 20 MHz, use C = 50 ns.
(3)
Applies only when sourcing the HDMI or HDVPSS DAC clocks from the AUXOSC.
Figure 7-13. AUX_MXI/AUX_CLKIN Timing
Copyright © 2011–2013, Texas Instruments Incorporated
Power, Reset, Clocking, and Interrupts
205
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com