Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM814X Datasheet(PDF) 229 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 229 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 225Page - Texas Instruments TMS320DM814X Datasheet HTML 226Page - Texas Instruments TMS320DM814X Datasheet HTML 227Page - Texas Instruments TMS320DM814X Datasheet HTML 228Page - Texas Instruments TMS320DM814X Datasheet HTML 229Page - Texas Instruments TMS320DM814X Datasheet HTML 230Page - Texas Instruments TMS320DM814X Datasheet HTML 231Page - Texas Instruments TMS320DM814X Datasheet HTML 232Page - Texas Instruments TMS320DM814X Datasheet HTML 233Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 377 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
Table 8-5. EDMA Channel Controller (EDMA TPCC) Control Registers (continued)
HEX ADDRESS
ACRONYM
REGISTER NAME
0x4900 1054
IERH
Interrupt Enable High
0x4900 1058
IECR
Interrupt Enable Clear
0x4900 105C
IECRH
Interrupt Enable Clear High
0x4900 1060
IESR
Interrupt Enable Set
0x4900 1064
IESRH
Interrupt Enable Set High
0x4900 1068
IPR
Interrupt Pending
0x4900 106C
IPRH
Interrupt Pending High
0x4900 1070
ICR
Interrupt Clear
0x4900 1074
ICRH
Interrupt Clear High
0x4900 1078
IEVAL
Interrupt Evaluate
0x4900 1080
QER
QDMA Event
0x4900 1084
QEER
QDMA Event Enable
0x4900 1088
QEECR
QDMA Event Enable Clear
0x4900 108C
QEESR
QDMA Event Enable Set
0x4900 1090
QSER
QDMA Secondary Event
0x4900 1094
QSECR
QDMA Secondary Event Clear
Shadow Region 0 Channel Registers
0x4900 2000
ER
Event
0x4900 2004
ERH
Event High
0x4900 2008
ECR
Event Clear
0x4900 200C
ECRH
Event Clear High
0x4900 2010
ESR
Event Set
0x4900 2014
ESRH
Event Set High
0x4900 2018
CER
Chained Event
0x4900 201C
CERH
Chained Event High
0x4900 2020
EER
Event Enable
0x4900 2024
EERH
Event Enable High
0x4900 2028
EECR
Event Enable Clear
0x4900 202C
EECRH
Event Enable Clear High
0x4900 2030
EESR
Event Enable Set
0x4900 2034
EESRH
Event Enable Set High
0x4900 2038
SER
Secondary Event
0x4900 203C
SERH
Secondary Event High
0x4900 2040
SECR
Secondary Event Clear
0x4900 2044
SECRH
Secondary Event Clear High
0x4900 2050
IER
Interrupt Enable
0x4900 2054
IERH
Interrupt Enable High
0x4900 2058
IECR
Interrupt Enable Clear
0x4900 205C
IECRH
Interrupt Enable Clear High
0x4900 2060
IESR
Interrupt Enable Set
0x4900 2064
IESRH
Interrupt Enable Set High
0x4900 2068
IPR
Interrupt Pending
0x4900 206C
IPRH
Interrupt Pending High
0x4900 2070
ICR
Interrupt Clear
0x4900 2074
ICRH
Interrupt Clear High
0x4900 2078
IEVAL
Interrupt Evaluate
0x4900 2080
QER
QDMA Event
Copyright © 2011–2013, Texas Instruments Incorporated
Peripheral Information and Timings
229
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com