Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM814X Datasheet(PDF) 238 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 238 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 234Page - Texas Instruments TMS320DM814X Datasheet HTML 235Page - Texas Instruments TMS320DM814X Datasheet HTML 236Page - Texas Instruments TMS320DM814X Datasheet HTML 237Page - Texas Instruments TMS320DM814X Datasheet HTML 238Page - Texas Instruments TMS320DM814X Datasheet HTML 239Page - Texas Instruments TMS320DM814X Datasheet HTML 240Page - Texas Instruments TMS320DM814X Datasheet HTML 241Page - Texas Instruments TMS320DM814X Datasheet HTML 242Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 377 page
background image
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
Table 8-14. Ethernet MAC Switch Registers (continued)
ARM/L3 MASTERS
EMAC HEX
ACRONYM
REGISTER NAME
ADDRESS RANGE
0x4A10 0148
TX_PRI6_RATE
CPDMA_REGS Transmit (Ingress) Priority 6 Rate
0x4A10 014C
TX_PRI7_RATE
CPDMA_REGS Transmit (Ingress) Priority 7 Rate
0x4A10 0150 – 0x4A10 017C
–
Reserved
0x4A10 0180
TX_INTSTAT_RAW
CPDMA_INT TX Interrupt Status Register (Raw Value)
0x4A10 0184
TX_INTSTAT_MASKED
CPDMA_INT TX Interrupt Status Register (Masked Value)
0x4A10 0188
TX_INTMASK_SET
CPDMA_INT TX Interrupt Mask Set Register
0x4A10 018C
TX_INTMASK_CLEAR
CPDMA_INT TX Interrupt Mask Clear Register
0x4A10 0190
CPDMA_IN_VECTOR
CPDMA_INT Input Vector (Read Only)
0x4A10 0194
CPDMA_EOI_VECTOR
CPDMA_INT End Of Interrupt Vector
0x4A10 0198 – 0x4A10 019C
–
Reserved
0x4A10 01A0
RX_INTSTAT_RAW
CPDMA_INT RX Interrupt Status Register (Raw Value)
0x4A10 01A4
RX_INTSTAT_MASKED
CPDMA_INT RX Interrupt Status Register (Masked Value)
0x4A10 01A8
RX_INTMASK_SET
CPDMA_INT RX Interrupt Mask Set Register
0x4A10 01AC
RX_INTMASK_CLEAR
CPDMA_INT RX Interrupt Mask Clear Register
0x4A10 01B0
DMA_INTSTAT_RAW
CPDMA_INT DMA Interrupt Status Register (Raw Value)
0x4A10 01B4
DMA_INTSTAT_MASKED
CPDMA_INT DMA Interrupt Status Register (Masked Value)
0x4A10 01B8
DMA_INTMASK_SET
CPDMA_INT DMA Interrupt Mask Set Register
0x4A10 01BC
DMA_INTMASK_CLEAR
CPDMA_INT DMA Interrupt Mask Clear Register
0x4A10 01C0
RX0_PENDTHRESH
CPDMA_INT Receive Threshold Pending Register Channel 0
0x4A10 01C4
RX1_PENDTHRESH
CPDMA_INT Receive Threshold Pending Register Channel 1
0x4A10 01C8
RX2_PENDTHRESH
CPDMA_INT Receive Threshold Pending Register Channel 2
0x4A10 01CC
RX3_PENDTHRESH
CPDMA_INT Receive Threshold Pending Register Channel 3
0x4A10 01D0
RX4_PENDTHRESH
CPDMA_INT Receive Threshold Pending Register Channel 4
0x4A10 01D4
RX5_PENDTHRESH
CPDMA_INT Receive Threshold Pending Register Channel 5
0x4A10 01D8
RX6_PENDTHRESH
CPDMA_INT Receive Threshold Pending Register Channel 6
0x4A10 01DC
RX7_PENDTHRESH
CPDMA_INT Receive Threshold Pending Register Channel 7
0x4A10 01E0
RX0_FREEBUFFER
CPDMA_INT Receive Free Buffer Register Channel 0
0x4A10 01E4
RX1_FREEBUFFER
CPDMA_INT Receive Free Buffer Register Channel 1
0x4A10 01E8
RX2_FREEBUFFER
CPDMA_INT Receive Free Buffer Register Channel 2
0x4A10 01EC
RX3_FREEBUFFER
CPDMA_INT Receive Free Buffer Register Channel 3
0x4A10 01F0
RX4_FREEBUFFER
CPDMA_INT Receive Free Buffer Register Channel 4
0x4A10 01F4
RX5_FREEBUFFER
CPDMA_INT Receive Free Buffer Register Channel 5
0x4A10 01F8
RX6_FREEBUFFER
CPDMA_INT Receive Free Buffer Register Channel 6
0x4A10 01FC
RX7_FREEBUFFER
CPDMA_INT Receive Free Buffer Register Channel 7
0x4A10 0200
TX0_HDP
CPDMA_STATERAM TX Channel 0 Head Desc Pointer (1)
0x4A10 0204
TX1_HDP
CPDMA_STATERAM TX Channel 1 Head Desc Pointer (1)
0x4A10 0208
TX2_HDP
CPDMA_STATERAM TX Channel 2 Head Desc Pointer (1)
0x4A10 020C
TX3_HDP
CPDMA_STATERAM TX Channel 3 Head Desc Pointer (1)
0x4A10 0210
TX4_HDP
CPDMA_STATERAM TX Channel 4 Head Desc Pointer (1)
0x4A10 0214
TX5_HDP
CPDMA_STATERAM TX Channel 5 Head Desc Pointer (1)
0x4A10 0218
TX6_HDP
CPDMA_STATERAM TX Channel 6 Head Desc Pointer (1)
0x4A10 021C
TX7_HDP
CPDMA_STATERAM TX Channel 7 Head Desc Pointer (1)
0x4A10 0220
RX0_HDP
CPDMA_STATERAM RX 0 Channel 0 Head Desc Pointer (1)
0x4A10 0224
RX1_HDP
CPDMA_STATERAM RX 1 Channel 1 Head Desc Pointer (1)
0x4A10 0228
RX2_HDP
CPDMA_STATERAM RX 2 Channel 2 Head Desc Pointer (1)
(1)
Denotes CPPI 3.0 registers.
238
Peripheral Information and Timings
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com