Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM814X Datasheet(PDF) 249 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 249 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 245Page - Texas Instruments TMS320DM814X Datasheet HTML 246Page - Texas Instruments TMS320DM814X Datasheet HTML 247Page - Texas Instruments TMS320DM814X Datasheet HTML 248Page - Texas Instruments TMS320DM814X Datasheet HTML 249Page - Texas Instruments TMS320DM814X Datasheet HTML 250Page - Texas Instruments TMS320DM814X Datasheet HTML 251Page - Texas Instruments TMS320DM814X Datasheet HTML 252Page - Texas Instruments TMS320DM814X Datasheet HTML 253Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 377 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
8.6.3
Management Data Input/Output (MDIO)
The Management Data Input/Output (MDIO) module continuously polls all 32 MDIO addresses in order to
enumerate all PHY devices in the system.
The MDIO module implements the 802.3 serial management interface to interrogate and control Ethernet
PHYs using a shared two-wire bus. Host software uses the MDIO module to configure the auto-
negotiation parameters of each PHY attached to the EMAC SW, retrieve the negotiation results, and
configure required parameters in the EMAC SW module for correct operation. The module is designed to
allow almost transparent operation of the MDIO interface, with very little maintenance from the core
processor. A single MDIO interface is pinned out to control the PHY configuration and status monitoring.
Multiple external PHYs can be controlled by the MDIO interface.
For more detailed information on the MDIO peripheral, see the 3PSW Ethernet Subsystem chapter of the
TMS320DM814x DaVinci Digital Media Processors Technical Reference Manual (Literature Number:
SPRUGZ8).
8.6.3.1
MDIO Peripheral Register Descriptions
Table 8-27. MDIO Registers
HEX ADDRESS
ACRONYM
REGISTER NAME
0x4A10 0800
VERSION
MDIO Version
0x4A10 0804
CONTROL
MDIO Control
0x4A10 0808
ALIVE
PHY Alive Status
0x4A10 080C
LINK
PHY Link Status
0x4A10 0810
LINKINTRAW
MDIO Link Status Change Interrupt (Unmasked)
0x4A10 0814
LINKINTMASKED
MDIO Link Status Change Interrupt (Masked)
0x4A10 0818 - 0x4A10 081C
-
Reserved
0x4A10 0820
USERINTRAW
MDIO User Command Complete Interrupt (Unmasked)
0x4A10 0824
USERINTMASKED
MDIO User Command Complete Interrupt (Masked)
0x4A10 0828
USERINTMASKSET
MDIO User Command Complete Interrupt Mask Set
0x4A10 082C
USERINTMASKCLEAR
MDIO User Command Complete Interrupt Mask Clear
0x4A10 0830 - 0x4A10 087C
-
Reserved
0x4A10 0880
USERACCESS0
MDIO User Access 0
0x4A10 0884
USERPHYSEL0
MDIO User PHY Select 0
0x4A10 0888
USERACCESS1
MDIO User Access 1
0x4A10 088C
USERPHYSEL1
MDIO User PHY Select 1
0x4A10 0990 - 0x4A10 08FF
-
Reserved
8.6.3.2
MDIO Electrical Data/Timing
Table 8-28. Timing Requirements for MDIO Input
(see Figure 8-18)
OPP100/122/166
NO.
UNIT
MIN
MAX
1
tc(MDCLK)
Cycle time, MDCLK
400
ns
tw(MDCLK)
Pulse duration, MDCLK high or low
180
ns
4
tsu(MDIO-MDCLKH)
Setup time, MDIO data input valid before MDCLK high
20
ns
5
th(MDCLKH-MDIO)
Hold time, MDIO data input valid after MDCLK high
0
ns
Copyright © 2011–2013, Texas Instruments Incorporated
Peripheral Information and Timings
249
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com