Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM814X Datasheet(PDF) 253 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 253 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 249Page - Texas Instruments TMS320DM814X Datasheet HTML 250Page - Texas Instruments TMS320DM814X Datasheet HTML 251Page - Texas Instruments TMS320DM814X Datasheet HTML 252Page - Texas Instruments TMS320DM814X Datasheet HTML 253Page - Texas Instruments TMS320DM814X Datasheet HTML 254Page - Texas Instruments TMS320DM814X Datasheet HTML 255Page - Texas Instruments TMS320DM814X Datasheet HTML 256Page - Texas Instruments TMS320DM814X Datasheet HTML 257Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 377 page
background image
GPx[31:0]
input
4
3
2
1
GPx[31:0]
output
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
8.7.2
GPIO Electrical Data/Timing
Table 8-31. Timing Requirements for GPIO Inputs
(see Figure 8-20)
OPP100/122/166
NO.
UNIT
MIN
MAX
1
tw(GPIH)
Pulse duration, GPx[31:0] input high
12P(1)
ns
2
tw(GPIL)
Pulse duration, GPx[31:0] input low
12P(1)
ns
(1)
P = Module clock.
Table 8-32. Switching Characteristics Over Recommended Operating Conditions for GPIO Outputs
(see Figure 8-20)
OPP100/122/166
NO.
PARAMETER
UNIT
MIN
MAX
3
tw(GPOH)
Pulse duration, GPx[31:0] output high
36P-8(1)
ns
4
tw(GPOL)
Pulse duration, GPx[31:0] output low
36P-8(1)
ns
(1)
P = Module clock.
Figure 8-20. GPIO Port Timing
Copyright © 2011–2013, Texas Instruments Incorporated
Peripheral Information and Timings
253
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com