Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM814X Datasheet(PDF) 255 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 255 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 251Page - Texas Instruments TMS320DM814X Datasheet HTML 252Page - Texas Instruments TMS320DM814X Datasheet HTML 253Page - Texas Instruments TMS320DM814X Datasheet HTML 254Page - Texas Instruments TMS320DM814X Datasheet HTML 255Page - Texas Instruments TMS320DM814X Datasheet HTML 256Page - Texas Instruments TMS320DM814X Datasheet HTML 257Page - Texas Instruments TMS320DM814X Datasheet HTML 258Page - Texas Instruments TMS320DM814X Datasheet HTML 259Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 377 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
8.8.1
GPMC and ELM Peripherals Register Descriptions
Table 8-33. GPMC Registers
HEX ADDRESS
ACRONYM
REGISTER NAME
0x5000 0000
GPMC_REVISION
GPMC Revision
0x5000 0010
GPMC_SYSCONFIG
System Configuration
0x5000 0014
GPMC_SYSSTATUS
System Status
0x5000 0018
GPMC_IRQSTATUS
Status for Interrupt
0x5000 001C
GPMC_IRQENABLE
Interrupt Enable
0x5000 0040
GPMC_TIMEOUT_CONTROL
Timeout Counter Start Value
0x5000 0044
GPMC_ERR_ADDRESS
Error Address
0x5000 0048
GPMC_ERR_TYPE
Error Type
0x5000 0050
GPMC_CONFIG
GPMC Global Configuration
0x5000 0054
GPMC_STATUS
GPMC Global Status
0x5000 0060 + (0x0000 0030 * i)(1)
GPMC_CONFIG1_0 -
Parameter Configuration 1_0-7
GPMC_CONFIG1_7
0x5000 0064 + (0x0000 0030 * i)(1)
GPMC_CONFIG2_0 -
Parameter Configuration 2_0-7
GPMC_CONFIG2_7
0x5000 0068 + (0x0000 0030 * i)(1)
GPMC_CONFIG3_0 -
Parameter Configuration 3_0-7
GPMC_CONFIG3_7
0x5000 006C + (0x0000 0030 * i)(1)
GPMC_CONFIG4_0 -
Parameter Configuration 4_0-7
GPMC_CONFIG4_7
0x5000 0070 + (0x0000 0030 * i)(1)
GPMC_CONFIG5_0 -
Parameter Configuration 5_0-7
GPMC_CONFIG5_7
0x5000 0074 + (0x0000 0030 * i)(1)
GPMC_CONFIG6_0 -
Parameter Configuration 6_0-7
GPMC_CONFIG6_7
0x5000 0078 + (0x0000 0030 * i)(1)
GPMC_CONFIG7_0 -
Parameter Configuration 7_0-7
GPMC_CONFIG7_7
0x5000 007C + (0x0000 0030 * i)(1)
GPMC_NAND_COMMAND_0 -
NAND Command 0-7
GPMC_NAND_COMMAND_7
0x5000 0080 + (0x0000 0030 * i)(1)
GPMC_NAND_ADDRESS_0 -
NAND Address 0-7
GPMC_NAND_ADDRESS_7
0x5000 0084 + (0x0000 0030 * i)(1)
GPMC_NAND_DATA_0 -
NAND Data 0-7
GPMC_NAND_DATA_7
0x5000 01E0
GPMC_PREFETCH_CONFIG1
Prefetch Configuration 1
0x5000 01E4
GPMC_PREFETCH_CONFIG2
Prefetch Configuration 2
0x5000 01EC
GPMC_PREFETCH_CONTROL
Prefetch Control
0x5000 01F0(1)
GPMC_PREFETCH_STATUS
Prefetch Status
0x5000 01F4
GPMC_ECC_CONFIG
ECC Configuration
0x5000 01F8
GPMC_ECC_CONTROL
ECC Control
0x5000 01FC
GPMC_ECC_SIZE_CONFIG
ECC Size Configuration
0x5000 0200 + (0x0000 0004 * j)(2)
GPMC_ECC0_RESULT -
ECC0-8 Result
GPMC_ECC8_RESULT
0x5000 0240 + (0x0000 0010 * i)(1)
GPMC_BCH_RESULT0_0 -
BCH Result 0_0-7
GPMC_BCH_RESULT0_7
0x5000 0244 + (0x0000 0010 * i)(1)
GPMC_BCH_RESULT1_0 -
BCH Result 1_0-7
GPMC_BCH_RESULT1_7
0x5000 0248 + (0x0000 0010 * i)(1)
GPMC_BCH_RESULT2_0 -
BCH Result 2_0-7
GPMC_BCH_RESULT2_7
0x5000 024C + (0x0000 0010 * i)(1)
GPMC_BCH_RESULT3_0 -
BCH Result 3_0-7
GPMC_BCH_RESULT3_7
0x5000 0300 + (0x0000 0010 * i)(1)
GPMC_BCH_RESULT4_0 -
BCH Result 4_0-7
GPMC_BCH_RESULT4_7
(1)
i = 0 to 7
(2)
j = 0 to 8
Copyright © 2011–2013, Texas Instruments Incorporated
Peripheral Information and Timings
255
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com