Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM814X Datasheet(PDF) 280 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 280 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 276Page - Texas Instruments TMS320DM814X Datasheet HTML 277Page - Texas Instruments TMS320DM814X Datasheet HTML 278Page - Texas Instruments TMS320DM814X Datasheet HTML 279Page - Texas Instruments TMS320DM814X Datasheet HTML 280Page - Texas Instruments TMS320DM814X Datasheet HTML 281Page - Texas Instruments TMS320DM814X Datasheet HTML 282Page - Texas Instruments TMS320DM814X Datasheet HTML 283Page - Texas Instruments TMS320DM814X Datasheet HTML 284Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 377 page
background image
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
8.11 Inter-Integrated Circuit (I2C)
The device includes four inter-integrated circuit (I2C) modules which provide an interface to other devices
compliant with Philips Semiconductors Inter-IC bus (I2C-bus™) specification version 2.1. External
components attached to this 2-wire serial bus can transmit/receive 8-bit data to/from the device through
the I2C module. The I2C port does not support CBUS compatible devices.
The I2C port supports the following features:
•
Compatible with Philips I2C Specification Revision 2.1 (January 2000)
•
Standard and fast modes from 10 - 400 Kbps (no fail-safe I/O buffers)
•
Noise filter to remove noise 50 ns or less
•
Seven- and ten-bit device addressing modes
•
Multimaster transmitter/slave receiver mode
•
Multimaster receiver/slave transmitter mode
•
Combined master transmit/receive and receive/transmit modes
•
Two DMA channels, one interrupt line
•
Built-in FIFO (32 byte) for buffered read or write.
For more detailed information on the I2C peripheral, see the Inter-Integrated Circuit (I2C) Controller
Module chapter of the TMS320DM814x DaVinci Digital Media Processors Technical Reference Manual
(Literature Number: SPRUGZ8).
8.11.1 I2C Peripheral Register Descriptions
Table 8-45. I2C Registers
HEX ADDRESS
I2C0
I2C1
I2C2
I2C3
ACRONYM
REGISTER NAME
0x4802 8000
0x4802 A000
0x4819 C000
0x4819 E000
I2C_REVNB_LO
Module Revision (LOW BYTES)
0x4802 8004
0x4802 A004
0x4819 C004
0x4819 E004
I2C_REVNB_HI
Module Revision (HIGH BYTES)
0x4802 8010
0x4802 A010
0x4819 C010
0x4819 E010
I2C_SYSC
System configuration
0x4802 8020
0x4802 A020
0x4819 C020
0x4819 E020
I2C_EOI
I2C End of Interrupt
0x4802 8024
0x4802 A024
0x4819 C024
0x4819 E024
I2C_IRQSTATUS_RA
I2C Status Raw
W
0x4802 8028
0x4802 A028
0x4819 C028
0x4819 E028
I2C_IRQSTATUS
I2C Status
0x4802 802C
0x4802 A02C
0x4819 C02C
0x4819 E02C
I2C_IRQENABLE_SET
I2C Interrupt Enable Set
0x4802 8030
0x4802 A030
0x4819 C030
0x4819 E030
I2C_IRQENABLE_CLR
I2C Interrupt Enable Clear
0x4802 8034
0x4802 A034
0x4819 C034
0x4819 E034
I2C_WE
I2C Wakeup Enable
0x4802 8038
0x4802 A038
0x4819 C038
0x4819 E038
I2C_DMARXENABLE_
Receive DMA Enable Set
SET
0x4802 803C
0x4802 A03C
0x4819 C03C
0x4819 E03C
I2C_DMATXENABLE_
Transmit DMA Enable Set
SET
0x4802 8040
0x4802 A040
0x4819 C040
0x4819 E040
I2C_DMARXENABLE_
Receive DMA Enable Clear
CLR
0x4802 8044
0x4802 A044
0x4819 C044
0x4819 E044
I2C_DMATXENABLE_
Transmit DMA Enable Clear
CLR
0x4802 8048
0x4802 A048
0x4819 C048
0x4819 E048
I2C_DMARXWAKE_EN Receive DMA Wakeup
0x4802 804C
0x4802 A04C
0x4819 C04C
0x4819 E04C
I2C_DMATXWAKE_EN Transmit DMA Wakeup
0x4802 8090
0x4802 A090
0x4819 C090
0x4819 E090
I2C_SYSS
System Status
0x4802 8094
0x4802 A094
0x4819 C094
0x4819 E094
I2C_BUF
Buffer Configuration
0x4802 8098
0x4802 A098
0x4819 C098
0x4819 E098
I2C_CNT
Data Counter
0x4802 809C
0x4802 A09C
0x4819 C09C
0x4819 E09C
I2C_DATA
Data Access
0x4802 80A4
0x4802 A0A4
0x4819 C0A4
0x4819 E0A4
I2C_CON
I2C Configuration
0x4802 80A8
0x4802 A0A8
0x4819 C0A8
0x4819 E0A8
I2C_OA
I2C Own Address
280
Peripheral Information and Timings
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com